Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20040EVKIT Datasheet (PDF) - Analog Devices

MAX20040EVKIT Datasheet PDF - Analog Devices
Part # MAX20040EVKIT
Download  MAX20040EVKIT Download
File Size   469.3 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MAX20040 Evaluation Kit

MAX20040EVKIT Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX20040EVKIT Datasheet PDF - Analog Devices

Part # MAX20040EVKIT
Download  MAX20040EVKIT Click to download

File Size   469.3 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MAX20040 Evaluation Kit

MAX20040EVKIT Datasheet (HTML) - Analog Devices


MAX20040EVKIT Product details

Benefits and Features
● +2V to +36V Input Supply Range
● Delivers up to 1.2A Output Current (MAX20040)
● Frequency-Synchronization Input
● Enable Input
● Voltage-Monitoring PGOOD Output
● Enable or Disable Spread Spectrum
● Proven PCB Layout
● Fully Assembled and Tested




Similar Part No. - MAX20040EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20042F MAXIM-MAX20042F Datasheet
309Kb / 7P
Passes 480Mbps USB Data Signals
Rev 2; 2/17
MAX20042F MAXIM-MAX20042F Datasheet
1Mb / 16P
Automotive Hi-Speed USB 2.0 Protectors
2017
logo
Analog Devices
MAX20042F AD-MAX20042F Datasheet
2Mb / 16P
Automotive Hi-Speed USB 2.0 Protectors
Rev 1; 3/24
logo
Maxim Integrated Produc...
MAX20042FGEEA/V+ MAXIM-MAX20042FGEEA/V+ Datasheet
1Mb / 16P
Automotive Hi-Speed USB 2.0 Protectors
2017
logo
Analog Devices
MAX20042FGEEA/V+ AD-MAX20042FGEEA/V+ Datasheet
2Mb / 16P
Automotive Hi-Speed USB 2.0 Protectors
Rev 1; 3/24
More results


Similar Description - MAX20040EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com