Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX22163 Datasheet (PDF) - Analog Devices

MAX22163 Datasheet PDF - Analog Devices
Part # MAX22163
Download  MAX22163 Download
File Size   2070.17 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Reinforced, Fast, Low-Power, Six-Channel Digital Isolators

MAX22163 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX22163 Datasheet PDF - Analog Devices

Part # MAX22163
Download  MAX22163 Click to download

File Size   2070.17 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Reinforced, Fast, Low-Power, Six-Channel Digital Isolators

MAX22163 Datasheet (HTML) - Analog Devices


MAX22163 Product details

Key Applications
• Automotive
• Hybrid Electric Vehicle
• Chargers
• Battery Management System (BMS)
• Inverters
The MAX22163−MAX22166 are a family of six-channel,
reinforced, fast, low-power digital galvanic isolators
using Analog Devices’ proprietary process technology.
All devices feature reinforced isolation with a withstand
voltage rating of 3kVRMS for 60 seconds. Both
automotive and general-purpose devices are rated for
operation at ambient temperature from -40°C to +125°C.




Similar Part No. - MAX22163

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX22163 MAXIM-MAX22163 Datasheet
1Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
2021
MAX22163BAEE+* MAXIM-MAX22163BAEE+* Datasheet
1Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
2021
MAX22163BAEE/V+* MAXIM-MAX22163BAEE/V+* Datasheet
1Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
2021
MAX22163CAEE+* MAXIM-MAX22163CAEE+* Datasheet
1Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
2021
MAX22163CAEE/V+* MAXIM-MAX22163CAEE/V+* Datasheet
1Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
2021
More results


Similar Description - MAX22163

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
logo
Maxim Integrated Produc...
MAX22344 MAXIM-MAX22344 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel 3.75kVRMS Digital Isolators
Rev 2; 2/19
MAX22444 MAXIM-MAX22444 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
Rev 7; 3/20
MAX22245 MAXIM-MAX22245 Datasheet
972Kb / 22P
Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
Rev 1; 9/20
MAX22163 MAXIM-MAX22163 Datasheet
1Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
2021
MAX22290 MAXIM-MAX22290 Datasheet
1Mb / 22P
Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
2021
MAX22565 MAXIM-MAX22565 Datasheet
2Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
2021
MAX22446E MAXIM-MAX22446E_V01 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
2021
logo
Analog Devices
MAX22663 AD-MAX22663 Datasheet
1Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
19-101239; Rev 0; 12/22
MAX22663 AD-MAX22663_V01 Datasheet
2Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
19-101239; Rev 1; 9/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com