Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVQ3P2 Datasheet (PDF) - Panasonic Semiconductor

EVQ3P2 Datasheet PDF - Panasonic Semiconductor
Part # EVQ3P2
Download  EVQ3P2 Download
File Size   201.27 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Light Touch Switches/EVQP2/P9/3P2

EVQ3P2 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVQ3P2 Datasheet PDF - Panasonic Semiconductor

Part # EVQ3P2
Download  EVQ3P2 Click to download

File Size   201.27 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Light Touch Switches/EVQP2/P9/3P2

EVQ3P2 Datasheet (HTML) - Panasonic Semiconductor


EVQ3P2 Product details

■ Features
● External dimensions : 4.7 mm×3.5 mm,
Height : Middle Push Travel 2.5 mm
Short Push Travel 2.1 mm, 2.5 mm
● High operating force and long operational life
● High mountability with J-bent (4 terminals)
■ Recommended Applications
● Operation switches for portable electronic equipment
(Mobile phones, Digital still cameras, Camcorders,
Portable audio players, etc.)
● Keyless entry systems (automotive)
● Car audio equipment




Similar Part No. - EVQ3P2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ3P2 PANASONIC-EVQ3P2 Datasheet
179Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
EVQ3P2 PANASONIC-EVQ3P2 Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
EVQ3P2 PANASONIC-EVQ3P2 Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
EVQ3P2 PANASONIC-EVQ3P2 Datasheet
102Kb / 4P
Light Touch Switches/EVQP2/P9/3P2
EVQ3P202K PANASONIC-EVQ3P202K Datasheet
102Kb / 4P
Light Touch Switches/EVQP2/P9/3P2
More results


Similar Description - EVQ3P2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPAC04M PANASONIC-EVQPAC04M_12 Datasheet
86Kb / 3P
5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
EVQ9P701K PANASONIC-EVQ9P701K Datasheet
143Kb / 4P
Light Touch Switches
EVQPLA PANASONIC-EVQPLA Datasheet
89Kb / 3P
Light Touch Switches
EVQPS0202K PANASONIC-EVQPS0202K Datasheet
112Kb / 4P
Light Touch Switches
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
Light Touch Switches
EVQ-PPHA25 PANASONIC-EVQ-PPHA25 Datasheet
97Kb / 4P
Light Touch Switches/EVQPP
EVQ-P2002M PANASONIC-EVQ-P2002M Datasheet
102Kb / 4P
Light Touch Switches/EVQP2/P9/3P2
EVPAX PANASONIC-EVPAX Datasheet
93Kb / 2P
Light Touch Switches
EVQP4HB3B PANASONIC-EVQP4HB3B_16 Datasheet
129Kb / 3P
Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
Light Touch Switches
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com