Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT600 Datasheet (PDF) - NXP Semiconductors

RT600 Datasheet PDF - NXP Semiconductors
Part # RT600_V05
Download  RT600 Download
File Size   8703.27 Kbytes
Page   149 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual-core microcontroller

RT600 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT600 Datasheet PDF - NXP Semiconductors

Part # RT600_V05
Download  RT600 Click to download

File Size   8703.27 Kbytes
Page   149 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual-core microcontroller

RT600 Datasheet (HTML) - NXP Semiconductors


RT600 Product details

General description
The RT600 is a family of dual-core microcontrollers for embedded applications featuring
an Arm Cortex-M33 CPU combined with a Cadence Xtensa HiFi4 advanced Audio Digital
Signal Processor CPU. The Cortex-M33 includes two hardware coprocessors providing
enhanced performance for an array of complex algorithms. The family offers a rich set of
peripherals and very low power consumption.
The Arm Cortex-M33 is a next generation core based on the ARMv8-M architecture that
offers system enhancements, such as ARM TrustZone® security, single-cycle digital
signal processing, and a tightly-coupled coprocessor interface, combined with low power
consumption, enhanced debug features, and a high level of support block integration. The
ARM Cortex-M33 CPU employs a 3-stage instruction pipe and includes an internal
prefetch unit that supports speculative branching. A hardware floating-point processor is
integrated into the core. On the RT600, the Cortex-M33 is augmented with two hardware
coprocessors providing accelerated support for additional DSP algorithms and
cryptography.
The Cadence Xtensa HiFi 4 Audio DSP engine is a highly optimized audio processor
designed especially for efficient execution of audio and voice codecs and pre- and
post-processing modules. It supports four 32x32-bit MACs, some support for 72-bit
accumulators, limited ability to support eight 32x16-bit MACs, and the ability to issue two
64-bit loads per cycle. There is a floating point unit providing up to four single-precision
IEEE floating point MACs per cycle.
The RT600 provides up to 4.5 MB of on-chip SRAM (plus an additional 128 KB of
tightly-coupled HiFi4 ram) and several high-bandwidth interfaces to access off-chip flash.
The FlexSPI flash interface supports two channels and includes an 32 KB cache and an
on-the-fly decryption engine. The RT600 is designed to allow the Cortex-M33 to operate
at frequencies of up to 300 MHz and the HiFi4 DSP to operate at frequencies of up to 600
MHz.
Features and benefits
 Control processor core
 Arm Cortex-M33 processor, running at frequencies of up to 300 MHz.
 Arm TrustZone.
 Arm Cortex-M33 built-in Memory Protection Unit (MPU) supporting eight regions
 Hardware Floating Point Unit (FPU).
 Arm Cortex-M33 built-in Nested Vectored Interrupt Controller (NVIC).
 Non-maskable Interrupt (NMI) input.
Applications
 Consumer  Audio




Similar Part No. - RT600_V05

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RT600 NXP-RT600_V01 Datasheet
6Mb / 167P
Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
Rev. 2.0-1 April 2022
RT600 NXP-RT600_V02 Datasheet
5Mb / 171P
Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
Rev. 2.1 - 7 July 2023
RT600 NXP-RT600_V03 Datasheet
5Mb / 171P
Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
Rev. 2.2 - 25 January 2024
RT600 NXP-RT600_V04 Datasheet
5Mb / 171P
Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
Rev. 2.3 - 16 May 2024
More results


Similar Description - RT600_V05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP5910 TI-OMAP5910 Datasheet
1Mb / 166P
DUAL-CORE PROCESSOR
logo
List of Unclassifed Man...
D80530 ETC2-D80530 Datasheet
217Kb / 3P
8-bit Microcontroller Core
logo
Maxim Integrated Produc...
MAXQ3108 MAXIM-MAXQ3108 Datasheet
3Mb / 64P
Low-Power, Dual-Core Microcontroller
Rev 0; 1/09
logo
Analog Devices
ADSP-BF606 AD-ADSP-BF606 Datasheet
1Mb / 44P
Blackfin Dual Core
Rev. PrD
logo
Texas Instruments
TMS320F28377D TI1-TMS320F28377D_14 Datasheet
1Mb / 121P
Dual-Core Delfino??Microcontrollers
OMAP5910JGDY2 TI1-OMAP5910JGDY2 Datasheet
2Mb / 171P
Dual-Core Processor
logo
Future Technology Devic...
FT51BQ-T FTDI-FT51BQ-T Datasheet
1Mb / 43P
Advanced Microcontroller with 8051 Compatible Core
logo
Advantech Co., Ltd.
AIMB-216 ADVANTECH-AIMB-216 Datasheet
732Kb / 2P
Intel Pentium Celeron, Quad Core Dual core
logo
Texas Instruments
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
Dual-Core Delfino Microcontrollers
TMS320F28379D TI-TMS320F28379D_V02 Datasheet
5Mb / 226P
TMS320F2837xD Dual-Core Microcontrollers
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com