Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART-B22-D70 Datasheet (PDF) - LEM

ART-B22-D70 Datasheet PDF - LEM
Part # ART-B22-D70
Download  ART-B22-D70 Download
File Size   1347.6 Kbytes
Page   12 Pages
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM
Description Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).

ART-B22-D70 Datasheet (PDF)

Go To PDF Page Download Datasheet
ART-B22-D70 Datasheet PDF - LEM

Part # ART-B22-D70
Download  ART-B22-D70 Click to download

File Size   1347.6 Kbytes
Page   12 Pages
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM
Description Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).

ART-B22-D70 Datasheet (HTML) - LEM


ART-B22-D70 Product details

Features
● Rated insulation voltage 1000 V Cat III PD2
● Accuracy Class 0.5 (IEC 61869-2)
● Protection degree IP57
● ⌀ 70, ⌀ 125, ⌀ 175, ⌀ 300 mm sensing aperture
● 1.5 m output cable (other lengths available see page 8)
● Ambient temperature −40 °C … +80 °C
● Very flexible and thin coil: 6.1 mm
● Slot for attaching the loop on the primary with a cable tie
● ⌀ 2 mm hole to pass a security seal tampering
● An innovative patented clasp drastically reduces the
positioning error near the closing
● Internal shield for enhanced measurement accuracy at low
primary currents.




Similar Part No. - ART-B22-D70

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ART10012T IRF-ART10012T Datasheet
217Kb / 12P
28V Input, Triple Output / HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
ART10012T IRF-ART10012T Datasheet
140Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
ART10012T/CK IRF-ART10012T/CK Datasheet
140Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
ART10012T/EM IRF-ART10012T/EM Datasheet
217Kb / 12P
28V Input, Triple Output / HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
ART10012T/EM IRF-ART10012T/EM Datasheet
140Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
More results


Similar Description - ART-B22-D70

ManufacturerPart #DatasheetDescription
logo
LEM
LT505-T LEM-LT505-T Datasheet
54Kb / 2P
DC, AC, poulsed.. with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit)
logo
Analog Devices
AN-0982 AD-AN-0982 Datasheet
716Kb / 4P
The Residual Phase Noise Measurement
REV. 0
logo
STMicroelectronics
UM1551 STMICROELECTRONICS-UM1551 Datasheet
684Kb / 17P
This demonstration board allows the easy measurement
10-Jun-2013
logo
ams AG
TMD2725 AMSCO-TMD2725 Datasheet
1Mb / 50P
The device features advanced proximity measurement
TMD3700 AMSCO-TMD3700 Datasheet
818Kb / 46P
The device features advanced Proximity measurement
logo
Keysight Technologies
Y9071B KEYSIGHT-Y9071B Datasheet
3Mb / 29P
Measurement Applications For the E6640A EXM Wireless Test Set
logo
PHOENIX CONTACT
2901560 PHOENIX-2901560 Datasheet
52Kb / 2P
Pre-assembled reference fiber for the precise measurement of optical power
3069970 PHOENIX-3069970 Datasheet
72Kb / 4P
The automatically generated transformer short circuit and the shock-proof design ensure the highest degree of safety during measurement
logo
List of Unclassifed Man...
APA-104-4 ETC-APA-104-4 Datasheet
3Mb / 8P
The control circuit and the LBD share the only power source。
logo
Endress+Hauser Group Se...
CLD18 EH-CLD18 Datasheet
818Kb / 16P
Compact inductive conductivity measurement for the food and beverage industry
2021-06-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com