Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYGS1316ZLAC Datasheet (PDF) - Panasonic Semiconductor

EYGS1316ZLAC Datasheet PDF - Panasonic Semiconductor
Part # EYGS1316ZLAC
Download  EYGS1316ZLAC Download
File Size   889.86 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description “GraphiteTIM (Compressible Type)” PGS with low thermal resistance

EYGS1316ZLAC Datasheet (PDF)

Go To PDF Page Download Datasheet
EYGS1316ZLAC Datasheet PDF - Panasonic Semiconductor

Part # EYGS1316ZLAC
Download  EYGS1316ZLAC Click to download

File Size   889.86 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description “GraphiteTIM (Compressible Type)” PGS with low thermal resistance

EYGS1316ZLAC Datasheet (HTML) - Panasonic Semiconductor


EYGS1316ZLAC Product details

Features
●Thermal resistance : 0.2 K∙cm2/W (600 kPa)
To draw a good thermal resistance from sheet, pressure the GraphiteTIM.
A close adherence would make the product fit into the uneven part and
enhance the performance.
●Thermal conductivity : X-Y direction 200 to 400 W/m∙K,
Z direction (28 W/m∙K)
●Compressibility : 40% or more (600 kPa)
●High and long term reliability : operating temperature range –55 to 400 °C
●RoHS compliant

Recommended applications
For cooling/heat transfer of electronic devices
that generates heat, such as power modules.
● Inverters and converters
● Car-mounted camera, motor control unit, automotive LED,
luminous source of laser HUD, medical equipment
● Base station, Server




Similar Part No. - EYGS1316ZLAC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYGS1316ZLAC PANASONIC-EYGS1316ZLAC Datasheet
94Kb / 4P
Soft-PGS (Compressible Type) PGS with low thermal resistance
EYGS1316ZLAC PANASONIC-EYGS1316ZLAC Datasheet
138Kb / 4P
“GraphiteTIM(Compressible Type)” PGS with low thermal resistance
Sep. 2018
EYGS1316ZLAC PANASONIC-EYGS1316ZLAC Datasheet
859Kb / 7P
“GraphiteTIM (Compressible Type)” PGS with low thermal resistance
13-Jan-22
More results


Similar Description - EYGS1316ZLAC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
Vishay Siliconix
SQ9945AE VISHAY-SQ9945AE Datasheet
119Kb / 9P
Package with Low Thermal Resistance
23-Oct-08
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
13-Jun-2014
logo
Panasonic Semiconductor
EYGS1431ZLAA PANASONIC-EYGS1431ZLAA Datasheet
94Kb / 4P
Soft-PGS (Compressible Type) PGS with low thermal resistance
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com