Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LKP1AF-12V Datasheet (PDF) - Panasonic Semiconductor

LKP1AF-12V Datasheet PDF - Panasonic Semiconductor
Part # LKP1AF-12V
Download  LKP1AF-12V Download
File Size   373.06 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 10 A SLIM POWER RELAY

LKP1AF-12V Datasheet (PDF)

Go To PDF Page Download Datasheet
LKP1AF-12V Datasheet PDF - Panasonic Semiconductor

Part # LKP1AF-12V
Download  LKP1AF-12V Click to download

File Size   373.06 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 10 A SLIM POWER RELAY

LKP1AF-12V Datasheet (HTML) - Panasonic Semiconductor


LKP1AF-12V Product details

FEATURES
1. High switching capacity: 10 A 277V
AC
2. High insulation resistance between
contact and coil
1) Creepage distance and clearances
between contact and coil: Min. 6 mm .236
inch (In compliance with IEC65)
2) Surge withstand voltage between
contact and coil: 10,000 V or more
3. High noise immunity realized by the
card separation structure between
contact and coil
4. Popular terminal pitch in AV
equipment field
5. Space-saving slim type
Base area: Width 11  Length 24 mm
Width .433  Length .945 inch
6. Conforms to the various safety
standards
UL/CSA, VDE, TÜV and SEMKO, SEV
approved




Similar Part No. - LKP1AF-12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LKP1AF-12V PANASONIC-LKP1AF-12V Datasheet
63Kb / 3P
1a 10A TV-5 rated power relays
More results


Similar Description - LKP1AF-12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
PA1A-5V NAIS-PA1A-5V Datasheet
135Kb / 3P
THE SLIM POWER RELAY
ALA2F12 NAIS-ALA2F12 Datasheet
60Kb / 3P
2 Form A slim power relay
LKS1AF-12 NAIS-LKS1AF-12 Datasheet
46Kb / 3P
250 mW Slim Power Relay
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
SLIM TYPE POWER RELAY
APE1004H NAIS-APE1004H Datasheet
88Kb / 3P
THE SLIM POWER RELAY
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
1 Form A Slim Power Relay
logo
Omron Electronics LLC
G2RV OMRON-G2RV Datasheet
852Kb / 12P
Slim Relay
logo
fujitsu semiconductor
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
logo
Omron Electronics LLC
G6DN OMRON-G6DN Datasheet
131Kb / 4P
SPST Slim Power Relay for 5 A switching
logo
Panasonic Semiconductor
1075950 PANASONIC-1075950 Datasheet
167Kb / 6P
Slim (7.2mm .283inch), 1 Form A 5A power relay
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com