Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2-DC12V Datasheet (PDF) - Panasonic Semiconductor

SP2-DC12V Datasheet PDF - Panasonic Semiconductor
Part # SP2-DC12V
Download  SP2-DC12V Download
File Size   494.8 Kbytes
Page   15 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 2 Form C 15 A, 4 Form C 10 A, Polarized power relays

SP2-DC12V Datasheet (PDF)

Go To PDF Page Download Datasheet
SP2-DC12V Datasheet PDF - Panasonic Semiconductor

Part # SP2-DC12V
Download  SP2-DC12V Click to download

File Size   494.8 Kbytes
Page   15 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 2 Form C 15 A, 4 Form C 10 A, Polarized power relays

SP2-DC12V Datasheet (HTML) - Panasonic Semiconductor


SP2-DC12V Product details

FEATURES
High sensitivity: Rated operating power 300 mW
Plug-in terminal/PC board terminal
Latching types also available
Mounts directly on chassis and the mounting board
is also available to enable DIN rail installation
Terminal sockets are available




Similar Part No. - SP2-DC12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SP2-DC12V NAIS-SP2-DC12V Datasheet
193Kb / 6P
15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
SP2-DC12V PANASONIC-SP2-DC12V Datasheet
111Kb / 6P
2c 15A, 4c 10A polarized power relays
SP2-DC12V PANASONIC-SP2-DC12V Datasheet
86Kb / 5P
2c 15A, 4c 10A polarized power relays
More results


Similar Description - SP2-DC12V

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-B2 FUJITSU-FTR-B2 Datasheet
143Kb / 8P
4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
Compact & Slim 2 Form C Non-polarized Relay
logo
fujitsu semiconductor
FTR-B2 FUJITSU-FTR-B2_06 Datasheet
1Mb / 8P
4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
logo
List of Unclassifed Man...
T92S7D12-12 ETC2-T92S7D12-12 Datasheet
1Mb / 4P
40A, 2 form A (NO) and 2 form C (CO) switching capability
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
Keysight Technologies
L4437A KEYSIGHT-L4437A Datasheet
1Mb / 9P
32-Channel Form A/Form C General Purpose Switch
E1442A KEYSIGHT-E1442A Datasheet
413Kb / 7P
64-Channel Form C or Form A Switch
logo
TE Connectivity Ltd
RPII-2 TEC-RPII-2 Datasheet
313Kb / 2P
2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
logo
Hongfa Technology
HFD27 HONGFA-HFD27_17 Datasheet
59Kb / 3P
2 Form C configuration
logo
PHOENIX CONTACT
0913676 PHOENIX-0913676 Datasheet
57Kb / 3P
Fuse - SI FORM C 15 A DIN 72581
12/24/2021
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com