Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9615DPZ Datasheet (PDF) - NXP Semiconductors

PCA9615DPZ Datasheet PDF - NXP Semiconductors
Part # PCA9615DPZ
Download  PCA9615DPZ Download
File Size   1043.5 Kbytes
Page   30 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-channel multipoint Fast-mode Plus differential

PCA9615DPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9615DPZ Datasheet PDF - NXP Semiconductors

Part # PCA9615DPZ
Download  PCA9615DPZ Click to download

File Size   1043.5 Kbytes
Page   30 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-channel multipoint Fast-mode Plus differential

PCA9615DPZ Datasheet (HTML) - NXP Semiconductors


PCA9615DPZ Product details

1 General description
The PCA9615 is a Fast-mode Plus (Fm+) SMBus/I2C-bus buffer that extends the normal
single-ended SMBus/I2C-bus through electrically noisy environments using a differential
SMBus/I2C-bus (dI2C) physical layer, which is transparent to the SMBus/I2C-bus protocol
layer. It consists of two single-ended to differential driver channels for the SCL (serial
clock) and SDA (serial data).
The use of differential transmission lines between identical dI2C bus buffers removes
electrical noise and common-mode offsets that are present when signal lines must pass
between different voltage domains, are bundled with hostile signals, or run adjacent to
electrical noise sources, such as high energy power supplies and electric motors.
The SMBus/I2C-bus was conceived as a simple slow speed digital link for short runs,
typically on a single PCB or between adjacent PCBs with a common ground connection.
Applications that extend the bus length or run long cables require careful design to
preserve noise margin and reject interference.
The dI2C-bus buffers were designed to solve these problems and are ideally suited for
rugged high noise environments and/or longer cable applications, allow multiple targets,
and operate at bus speeds up to 1 MHz clock rate. Cables can be extended to at least
3 meters (3 m), or longer cable runs at lower clock speeds. The dI2C-bus buffers are
compatible with existing SMBus/I2C-bus devices and can drive Standard, Fast-mode, and
Fast-mode Plus devices on the single-ended side.
Signal direction is automatic, and requires no external control. To prevent bus latch up,
the standard SMBus/I2C-bus side of the bus buffer, the PCA9615 employs static offset,
care should be taken when connecting these to other SMBus/I2C-bus buffers that may
not operate with offset.
This device is a bridge between the normal 2-wire single-ended wired-OR SMBus/I2Cbus
and the 4-wire dI2C-bus.
Additional circuitry allows the PCA9615 to be used for ‘hot swap’ applications, where
systems are always on, but require insertion or removal of modules or cards without
disruption to existing signals.
The PCA9615 has two supply voltages, VDD(A) and VDD(B). VDD(A), the card side supply,
only serves as a reference and ranges from 2.3 V to 5.5 V. VDD(B), the line side supply,
serves as the majority supply for circuitry and ranges from 3.0 V to 5.5 V.
2 Features and benefits
• New dI2C-bus buffers offer improved resistance to system noise and ground offset up
to 1⁄2 of supply voltage
• 2 channel dI2C (differential I2C-bus) to Fm+ single-ended buffer operating up to 1 MHz
with 30 mA SDA/SCL drive capability
• Hot swap (allows insertion or removal of modules or card without disruption to bus
data)
• EN signal (PCA9615 input) controls PCA9615 hot swap sequence
• Bus idle detect (PCA9615 internal function) waits for a bus idle condition before
connection is made
• Compatible with I2C-bus Standard/Fast-mode and SMBus, Fast-mode Plus up to
1 MHz
• Single-ended I2C-bus on card side up to 540 pF
• Differential I2C-bus on cable side supporting multi-drop bus
– Maximum cable length: 3 m (approximately 10 feet) (longer at lower frequency)
– dI2C output: 1.5 V differential output with nominal terminals
– Differential line impedance (user defined): 100 Ω nominal suggested
– Receive input sensitivity: ±200 mV
– Hysteresis: ±30 mV typical
– Input impedance: high-impedance (200 kΩ typical)
– Receive input voltage range: -0.5 V to +5.5 V
• Lock-up free operation
• Supports arbitration and clock stretching across the dI2C-bus buffers
• Powered-off and powering-up high-impedance I2C-bus pins
• Operating supply voltage (VDD(A)) range of 2.3 V to 5.5 V with single-ended side 5.5 V
tolerant
• Differential I2C-bus operating supply voltage (VDD(B)) range of 3.0 V to 5.5 V with 5.5 V
tolerant. Best operation is at 5 V.
• ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
• Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
• Package offering: TSSOP10
3 Applications
• Monitor remote temperature/leak detectors in harsh environment
• Control of power supplies in high noise environment
• Transmission of I2C-bus between equipment cabinets
• Commercial lighting and industrial heating/cooling control
• Any application that requires long I2C-bus runs in electrically noisy environments
• Any application with multiple power suppliers and the potential for ground offsets up to
2.5 V




Similar Part No. - PCA9615DPZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9615DP PHILIPS-PCA9615DP Datasheet
905Kb / 29P
2-channel multipoint Fast-mode Plus differential I2C-bus buffer with hot-swap logic
Rev. 1.1-10 May 2016
PCA9615DPJ PHILIPS-PCA9615DPJ Datasheet
905Kb / 29P
2-channel multipoint Fast-mode Plus differential I2C-bus buffer with hot-swap logic
Rev. 1.1-10 May 2016
More results


Similar Description - PCA9615DPZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36277 NSC-DS36277 Datasheet
269Kb / 12P
Dominant Mode Multipoint Transceiver
logo
Texas Instruments
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS36277 NSC-DS36277_02 Datasheet
704Kb / 13P
Dominant Mode Multipoint Transceiver
logo
Texas Instruments
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
TLC59116F TI1-TLC59116F Datasheet
764Kb / 31P
16-CHANNEL FAST-MODE PLUS I2C BUS LED DRIVER
DS36277TMX TI1-DS36277TMX Datasheet
1,018Kb / 18P
Dominant Mode Multipoint Transceiver
TLC59116F TI1-TLC59116F_15 Datasheet
1Mb / 38P
16-Channel Fast-Mode Plus I2C Bus LED Driver
logo
NXP Semiconductors
PCA9615 PHILIPS-PCA9615 Datasheet
905Kb / 29P
2-channel multipoint Fast-mode Plus differential I2C-bus buffer with hot-swap logic
Rev. 1.1-10 May 2016
PCA9614 NXP-PCA9614 Datasheet
420Kb / 28P
2-channel multipoint Fast-mode Plus differential I2C-bus buffer
Rev. 2-21 September 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com