Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2229-BLISTER Datasheet (PDF) - pro-elec

2229-BLISTER Datasheet PDF - pro-elec
Part # 2229-BLISTER
Download  2229-BLISTER Download
File Size   134.88 Kbytes
Page   1 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description Adaptor, Switched, 3Way

2229-BLISTER Datasheet (PDF)

Go To PDF Page Download Datasheet
2229-BLISTER Datasheet PDF - pro-elec

Part # 2229-BLISTER
Download  2229-BLISTER Click to download

File Size   134.88 Kbytes
Page   1 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description Adaptor, Switched, 3Way

2229-BLISTER Datasheet (HTML) - pro-elec


2229-BLISTER Product details

Connector Type : UK Mains
Connector Mounting Orientation : Plug-In
Voltage Rating : 250V AC
Current Rating : 13A
Colour : White
No. of Output : 3
No. of Ways : 3




Similar Part No. - 2229-BLISTER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2229 ETC2-2229 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
3M Electronics
2229 3M-2229 Datasheet
28Kb / 2P
3M™ Scotch-Seal™ Mastic Tape
Rev B
logo
Keystone Electronics Co...
2229 KEYSTONE-2229 Datasheet
354Kb / 1P
INTERCONNECT BATTERY HOLDERS
31-07 20th
logo
Santronics Inc
2229 SCS-2229 Datasheet
730Kb / 2P
MAGSNAP 360™ DUAL-WIRE METAL EXPANSION WRISTBAND
August 2015
logo
Altech corporation
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
More results


Similar Description - 2229-BLISTER

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03K105-K00S3 ROSENBERGER-03K105-K00S3 Datasheet
76Kb / 2P
ADAPTOR
03K107-P00S3 ROSENBERGER-03K107-P00S3 Datasheet
88Kb / 2P
ADAPTOR
03KR107-P0AS3 ROSENBERGER-03KR107-P0AS3 Datasheet
192Kb / 2P
ADAPTOR
05S107-P00S3 ROSENBERGER-05S107-P00S3 Datasheet
85Kb / 2P
ADAPTOR
02KR105-K0AS3 ROSENBERGER-02KR105-K0AS3 Datasheet
53Kb / 2P
ADAPTOR
05K432-K00S3 ROSENBERGER-05K432-K00S3 Datasheet
92Kb / 2P
ADAPTOR
32S156-K00L5 ROSENBERGER-32S156-K00L5 Datasheet
329Kb / 2P
ADAPTOR
59K132-K00L5 ROSENBERGER-59K132-K00L5 Datasheet
39Kb / 2P
ADAPTOR
32K601-K00L5 ROSENBERGER-32K601-K00L5 Datasheet
150Kb / 2P
ADAPTOR
19K101-K00L5-NM ROSENBERGER-19K101-K00L5-NM Datasheet
214Kb / 2P
Adaptor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com