Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8A/XJYADG Datasheet (PDF) - TUK Ltd

8A/XJYADG Datasheet PDF - TUK Ltd
Part # 8A/XJYADG
Download  8A/XJYADG Download
File Size   130.09 Kbytes
Page   2 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description 8A and 8B gel crimps

8A/XJYADG Datasheet (PDF)

Go To PDF Page Download Datasheet
8A/XJYADG Datasheet PDF - TUK Ltd

Part # 8A/XJYADG
Download  8A/XJYADG Click to download

File Size   130.09 Kbytes
Page   2 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description 8A and 8B gel crimps

8A/XJYADG Datasheet (HTML) - TUK Ltd


8A/XJYADG Product details

- 8A/XJYAdg is a 2 wire telephone gel crimp IDC connector suitable for connecting any two telephone conductors internal or external. This product is suitable for copper conductors 0.32 to.0.9mm or aluminium up to 0.5mm
- 8B/XJRBdg is a 3 wire gel crimp IDC connector designed for straight or bridge splicing. Known as a ‘butt connector’, it contains three ports and a double IDC contact. This product is only suitable for copper conductors - 0.4mm to 0.9mm.





Similar Description - 8A/XJYADG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GT12-55AG ETC-GT12-55AG Datasheet
85Kb / 2P
AGM and Gel Range batteries
logo
Shenzhen Sunnyway Batte...
SWG12700 SUNNYWAY-SWG12700 Datasheet
443Kb / 1P
GEL Battery
SWG25000 SUNNYWAY-SWG25000 Datasheet
364Kb / 1P
GEL Battery
SWG121200 SUNNYWAY-SWG121200 Datasheet
452Kb / 1P
GEL Battery
SWG210000 SUNNYWAY-SWG210000 Datasheet
437Kb / 1P
GEL Battery
logo
Teledyne Technologies I...
AR1298 TELEDYNE-AR1298 Datasheet
179Kb / 2P
TO-8B CASCADABLE AMPLIFIER
AR2067 TELEDYNE-AR2067 Datasheet
172Kb / 2P
TO-8B CASCADABLE AR2067 AMPLIFIER
AR2568 TELEDYNE-AR2568 Datasheet
171Kb / 2P
TO-8B CASCADABLE AMPLIFIER
AR3098 TELEDYNE-AR3098 Datasheet
171Kb / 2P
TO-8B CASCADABLE AMPLIFIER
logo
TE Connectivity Ltd
LDT0-028K TEC-LDT0-028K Datasheet
256Kb / 5P
LDT WITH CRIMPS VIBRATION SENSOR/SWITCH
9/2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com