Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

502-308 Datasheet (PDF) - Digilent

502-308 Datasheet PDF - Digilent
Part # 502-308
Download  502-308 Download
File Size   1044.51 Kbytes
Page   14 Pages
Manufacturer  DIGILENT [Digilent]
Direct Link  https://digilent.com/
Logo DIGILENT - Digilent
Description JTAG-SMT2-NC Programming Module for Xilinx® FPGAs

502-308 Datasheet (PDF)

Go To PDF Page Download Datasheet
502-308 Datasheet PDF - Digilent

Part # 502-308
Download  502-308 Click to download

File Size   1044.51 Kbytes
Page   14 Pages
Manufacturer  DIGILENT [Digilent]
Direct Link  https://digilent.com/
Logo DIGILENT - Digilent
Description JTAG-SMT2-NC Programming Module for Xilinx® FPGAs

502-308 Datasheet (HTML) - Digilent


502-308 Product details

Overview
The Joint Test Action Group (JTAG)-SMT2-NC is a compact, complete, and fully self-contained surface-mount
programming module for Xilinx field-programmable gate arrays (FPGAs). The module can be accessed directly from
all Xilinx Tools, including iMPACT, ChipScope™, and EDK. Users can load the module directly onto a target board
and reflow it like any other component.
The JTAG-SMT2-NC uses a 3.3V main power supply and a separate Vref supply to drive the JTAG signals. All JTAG
signals use high speed 24mA three-state buffers that allow signal voltages from 1.8V to 5V and bus speeds up to
30MBit/sec. The JTAG bus can be shared with other devices as the SMT2-NC signals are held at high impedance,
except when actively driven during programming. The SMT2-NC module is CE certified and fully compliant with EU
RoHS and REACH directives. The module routes the USB D+ (DP) and D- (DM) signals out to pads, providing the
system designer with the ability to choose the type of USB connector and its location on the system board.
Features include:
 Small, complete, all-in-one JTAG programming/debugging
solution for Xilinx FPGAs
 Compatible with all Xilinx Tools
 Compatible with IEEE 1149.7-2009 Class T0 – Class T4
(includes 2-Wire JTAG)
 GPIO pin allows debugging software to reset the processor
core of Xilinx’s Zynq® platform
 Single 3.3V supply
 Separate Vref drives JTAG signal voltages; Vref can be any
voltage between 1.8V and 5V.
 High-Speed USB2 port that can drive JTAG/SPI bus at up to
30Mbit/sec (frequency settable by user)
 SPI programming solution (modes 0 and 2 up to 30Mbit/sec,
modes 1 and 3 up to 2Mbit/sec)
 Small form-factor surface-mount module can be directly
loaded on target boards
 USB D+ and D- signals routed to pads, allowing USB connector
to be placed anywhere on the host PCB




Similar Part No. - 502-308

ManufacturerPart #DatasheetDescription
logo
Digilent
502-310 DIGILENT-502-310 Datasheet
639Kb / 4P
PmodRS485™ Reference Manual
April 12, 2016
502-312 DIGILENT-502-312 Datasheet
521Kb / 3P
PmodMIC3™ Reference Manual
April 12, 2016
502-316 DIGILENT-502-316 Datasheet
1Mb / 29P
Nexys Video™ FPGA Board Reference Manual
September 1, 2020
More results


Similar Description - 502-308

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSO8000 HP-MSO8000 Datasheet
928Kb / 8P
FPGA Dynamic Probe for Xilinx
N5406A HP-N5406A Datasheet
1,009Kb / 9P
FPGA Dynamic Probe for Xilinx
logo
Texas Instruments
TMDSEVM6678LE TI1-TMDSEVM6678LE Datasheet
1Mb / 12P
Power Management Solutions for Xilinx and Altera FPGAs
logo
Maxim Integrated Produc...
DS3900P2 MAXIM-DS3900P2 Datasheet
1Mb / 9P
USB HID Communications Module for I2C Programming
Rev 0; 8/13
logo
STMicroelectronics
UM0244 STMICROELECTRONICS-UM0244 Datasheet
152Kb / 11P
FlashLINK JTAG programming cable for STR9
30-Jan-2007
logo
Texas Instruments
TPS650864 TI1-TPS650864 Datasheet
1Mb / 107P
Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_17 Datasheet
2Mb / 114P
Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_18 Datasheet
2Mb / 126P
Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
logo
CUI INC
AMT-PGRM CUI-AMT-PGRM Datasheet
324Kb / 3P
PROGRAMMING MODULE
AMT-PGRM CUI-AMT-PGRM_V01 Datasheet
364Kb / 4P
PROGRAMMING MODULE
09/02/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com