Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77324EWTAD+ Datasheet (PDF) - Analog Devices

MAX77324EWTAD+ Datasheet PDF - Analog Devices
Part # MAX77324EWTAD+
Download  MAX77324EWTAD+ Download
File Size   1361.89 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.8VIN, 1.5A High-Efficiency, Ultra-Small Buck Converter

MAX77324EWTAD+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX77324EWTAD+ Datasheet PDF - Analog Devices

Part # MAX77324EWTAD+
Download  MAX77324EWTAD+ Click to download

File Size   1361.89 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.8VIN, 1.5A High-Efficiency, Ultra-Small Buck Converter

MAX77324EWTAD+ Datasheet (HTML) - Analog Devices


MAX77324EWTAD+ Product details

Benefits and Features
●●
1.5A Output Current Step-down Converter
●●
2.5V to 4.8V VIN Range
●●
0.6V to 2V Adjustable VOUT Range, ±2% Accuracy
●●
93% Peak Efficiency (3.8VIN, 1.8VOUT)
•
SKIP Mode for Higher Light-Load Efficiency
•
40μA Quiescent Current
•
1μA Shutdown Current
●●
2MHz Nominal Switching Frequency
●●
Enable Pin for Direct Hardware Control
●●
Cycle-by-Cycle Inductor Current Limit
●●
UVLO, Soft-Start, Active Output Discharge,
Short-Circuit, and Thermal Shutdown Protections
●●
1.22mm x 0.85mm, 6-Bump WLP
•
6.89mm2 Total Solution Area
•
Uses Small 0603 0.47μH Inductor




Similar Part No. - MAX77324EWTAD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77324EVKIT MAXIM-MAX77324EVKIT Datasheet
880Kb / 7P
Sense Points for High-Accuracy Measurements
Rev 0; 5/18
More results


Similar Description - MAX77324EWTAD+

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3570 LINER-LT3570 Datasheet
282Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
Rev 2
logo
BCD Semiconductor Manuf...
AP3418 BCDSEMI-AP3418 Datasheet
500Kb / 12P
1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Linear Technology
LT3570 LINER-LT3570_15 Datasheet
293Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
Texas Instruments
LM21215A TI1-LM21215A_16 Datasheet
1Mb / 38P
15-A Ultra High-Efficiency Synchronous Buck Converter
logo
STMicroelectronics
A22H165M STMICROELECTRONICS-A22H165M Datasheet
1Mb / 32P
Integrated high-efficiency buck converter
06-Mar-2014
logo
Diodes Incorporated
AL8806 DIODES-AL8806_13 Datasheet
468Kb / 15P
HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Rev 5
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
SHENZHEN FUMAN ELECTRON...
FM3406MS FUMAN-FM3406MS Datasheet
477Kb / 8P
1.5A Buck Converter IC
logo
Maxim Integrated Produc...
MAX17687 MAXIM-MAX17687 Datasheet
751Kb / 19P
4.5V to 60V Input, Ultra-Small, High-Efficiency, Iso-Buck DC-DC Converter
Rev 0; 12/18
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com