Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22H165M Datasheet (PDF) - STMicroelectronics

A22H165M Datasheet PDF - STMicroelectronics
Part # A22H165M
Download  A22H165M Download
File Size   1411.32 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Integrated high-efficiency buck converter

A22H165M Datasheet (PDF)

Go To PDF Page Download Datasheet
A22H165M Datasheet PDF - STMicroelectronics

Part # A22H165M
Download  A22H165M Click to download

File Size   1411.32 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Integrated high-efficiency buck converter

A22H165M Datasheet (HTML) - STMicroelectronics


A22H165M Product details

Description
The A22H165M is a class-G stereo headphone driver dedicated to high audio performance, high power efficiency and space-constrained applications such as wearable and fitness. It is based on the core technology of a low power dissipation amplifier combined with a high efficiency buck converter for supplying this amplifier. When powered by a battery, the buck converter generates the appropriate voltage to the amplifier depending on the amplitude of the audio signal to supply the headsets. It achieves a total 2.1 mA current consumption at 100 µW output power (10 dB crest factor). THD+N is 0.02% maximum at 1 kHz and PSRR is 100 dB at 217 Hz, which ensures a high audio quality of the device in a wide range of environments. The traditionally bulky output coupling capacitors can be removed. A dedicated common-mode sense pin removes parasitic ground noise. The A22H165M is designed to be used with an output serial resistor. It ensures unconditional stability over a wide range of capacitive loads. The A22H165M is packaged in a tiny 16-bump flip-chip package with a pitch of 400 µm. A22H165M - Flip-chip AVDD SW INLC1 CMS SDA AGND C2 HPVDD VOUTL VOUTR INL+ INR+ PVSS SCL INR4 3 2 1 A B C D AVDD SW INLC1 CMS SDA AGND C2 HPVDD VOUTL VOUTR INL+ INR+ PVSS SCL INR4 3 2 1 A B C D Pinout (top view) Balls are underneath

Features
■ Power supply range: 2.3 V to 4.8 V
■ 0.6 mA/channel quiescent current
■ 2.1 mA current consumption with 100 µW/channel (10 dB crest factor)
■ 0.006% typical THD+N at 1 kHz
■ 100 dB typical PSRR at 217 Hz
■ 100 dB of SNR A-weighted at G = 0 dB
■ Zero pop and click
■ I²C interface for volume control
■ Digital volume control range from -60 dB to +4 dB
■ Independent right and left channel shutdown control
■ Integrated high-efficiency buck converter
■ Low software standby current: 5 µA max
■ Output coupling capacitors removed

Applications
■ Cellular /smart phones, portable media players
■ Wearable
■ Fitness and healthcare




Similar Part No. - A22H165M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A22H165 STMICROELECTRONICS-A22H165 Datasheet
2Mb / 36P
High-performance class-G stereo headphone amplifier
06-Mar-2014
More results


Similar Description - A22H165M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
High Efficiency 3A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
High Efficiency 2A Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
Monolithic Power System...
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com