Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4571 Datasheet (PDF) - Monolithic Power Systems

MP4571 Datasheet PDF - Monolithic Power Systems
Part # MP4571
Download  MP4571 Download
File Size   1547.1 Kbytes
Page   34 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter

MP4571 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4571 Datasheet PDF - Monolithic Power Systems

Part # MP4571
Download  MP4571 Click to download

File Size   1547.1 Kbytes
Page   34 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter

MP4571 Datasheet (HTML) - Monolithic Power Systems


MP4571 Product details

DESCRIPTION
The MP4571 is a fully integrated, fixedfrequency,
synchronous step-down converter. It
can achieve up to 1A of continuous output
current with peak current control for excellent
transient response.
The wide 4.5V to 60V input voltage range
accommodates a variety of step-down
applications in an automotive input environment.
A 2μA shutdown mode quiescent current makes
it ideal for battery-powered applications.
The MP4571 integrates internal high-side and
low-side power MOSFETs for high efficiency
without an external Schottky diode, and is
available in a 12-pin QFN package.
The MP4571 employs advanced asynchronous
modulation (AAM), which achieves high efficiency
during light load by scaling down the frequency to
reduce the switching and gate driver losses.
The MP4571 offers standard features including
built-in soft start, enable control, and a power
good indicator. High duty cycle and low-dropout
mode are provided for automotive cold crank
conditions. In addition, the chip provides overcurrent
protection with valley current detection,
which helps prevent current runaway. It also has
hiccup short-circuit protection (SCP), input undervoltage
lockout (UVLO), and auto-recovery
thermal protection.
With internal compensation, the MP4571 offers
a very compact solution with a minimum number
of readily available, standard external
components. It is available in a QFN-12
(2.5mmx3mm) package.

FEATURES
• Wide 4.5V to 60V Operating Input Range
• 1A Continuous Output Current
• High-Efficiency Synchronous Mode Control
• 250mΩ/45mΩ Internal Power MOSFETs
• Configurable Frequency Up to 2.2MHz
• 180° Out-of-Phase SYNCO Clock
• 40μA Quiescent Current
• Low Shutdown Mode Current: 2μA
• FB Tolerance: 1% at Room Temp, 2% at
Full Temp
• Selectable AAM or Forced CCM Operation
at Light Load
• Internal 0.45ms Soft Start
• Remote EN Control
• Power Good (PG) Indicator
• Low-Dropout Mode
• Over-Current Protection (OCP)
• Short-Circuit Protection with Hiccup Mode
• VIN Under-Voltage Lockout (UVLO)
• Thermal Shutdown
• Available in a QFN-12 (2.5mmx3mm)
Package
• Available in a Wettable Flank Package

APPLICATIONS
• Automotive Infotainment
• Automotive Lamps and LEDs
• Automotive Motor Control
• Industrial Power Systems




Similar Part No. - MP4571

ManufacturerPart #DatasheetDescription
logo
3M Electronics
MP4570 3M-MP4570 Datasheet
14Kb / 2P
Scotchmate and Dual Lock Reclosable Fasteners Mini-Packs
logo
Monolithic Power System...
MP4570 MPS-MP4570 Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4570GF MPS-MP4570GF Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4570GF-P MPS-MP4570GF-P Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
More results


Similar Description - MP4571

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
ZSPM4011B ETC2-ZSPM4011B Datasheet
1Mb / 23P
High Efficiency 1A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4011B IDT-ZSPM4011B Datasheet
655Kb / 21P
High Efficiency 1A Synchronous Buck Converter
logo
Monolithic Power System...
MP3429 MPS-MP3429 Datasheet
1Mb / 22P
16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
logo
Rohm
BD9V101MUF-LB ROHM-BD9V101MUF-LB Datasheet
3Mb / 43P
16V to 60V, 1A 1ch 2.1MHz Synchronous Buck Converter Integrated FET
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
logo
Renesas Technology Corp
ZSPM4011 RENESAS-ZSPM4011 Datasheet
682Kb / 21P
ZSPM4011 High Efficiency 1A Synchronous Buck Converter
April 15, 2016
ZSPM4011B RENESAS-ZSPM4011B Datasheet
829Kb / 22P
High Efficiency 1A Synchronous Buck Converter
January 27, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com