Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8005 Datasheet (PDF) - Richtek Technology Corporation

RT8005 Datasheet PDF - Richtek Technology Corporation
Part # RT8005
Download  RT8005 Download
File Size   191.37 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter

RT8005 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8005 Datasheet PDF - Richtek Technology Corporation

Part # RT8005
Download  RT8005 Click to download

File Size   191.37 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter

RT8005 Datasheet (HTML) - Richtek Technology Corporation


RT8005 Product details

General Description
The RT8005 is a high-efficiency synchronous buck PWM converter with integrated P-Channel andN-Channel power MOSFET switches. Capable of delivering 1Aoutput current over a wide input voltage range of 2.4V to 5.5V, the RT8005 is ideally suited for portable applications powered by a single Li-Ion battery or by 3-cell NiMH/NiCd batteries. The device operates at 2MHz PWM switching fixed frequency, can use smaller CIN, COUT capacitor and inductor.

Features
● 2.4V to 5.5V Input Voltage Range
● Adjustable Output from 0.5V to VIN
● Guaranteed 1A Output Current
● Accurate Reference : 0.5V (±1.5%)
● Up to 90%Conversion Efficiency
● Typical Quiescent Current : 200mA
● Integrated Low RDS(ON) High- and Low-Side Power MOSFET Switches : 230mW and 180mW
● Current Mode PWM Operation
● Fixed Frequency : 2MHz
● 100% Maximum Duty Cycle for Lowest Dropout
● Internal Soft-Start
● No Schottky Diode Required
● Over-Temperature and Over-Current Protection
● Small 10-Lead VDFN 3x3 Package
● RoHS Compliant and 100% Lead (Pb)-Free

Applications
● Battery-Powered Equipments
● Low Power CPU and DSP Supplies
● Digital Cameras and Hard Disks
● Protable Instruments and Notebook Computers
● Celluar Phones, PDAs, and Handheld PCs
● USB-Based DSLModems and Other Network Interface Cards




Similar Part No. - RT8005

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
The RT8004A is a high efficiency synchronous
RT8004GQV RICHTEK-RT8004GQV Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
RT8004PCP RICHTEK-RT8004PCP Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
RT8004PQV RICHTEK-RT8004PQV Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
More results


Similar Description - RT8005

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2204 MICREL-MIC2204 Datasheet
112Kb / 11P
High-Efficiency 2MHz Synchronous Buck Converter
MIC2202 MICREL-MIC2202 Datasheet
182Kb / 18P
HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR
MIC2202 MICREL-MIC2202_07 Datasheet
571Kb / 19P
High Efficiency 2MHz Synchronous Buck Converter 1關F Stable PWM Regulator
MIC2204 MICREL-MIC2204_05 Datasheet
155Kb / 11P
High-Efficiency 2MHz Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
ZSPM4011B ETC2-ZSPM4011B Datasheet
1Mb / 23P
High Efficiency 1A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4011B IDT-ZSPM4011B Datasheet
655Kb / 21P
High Efficiency 1A Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
logo
Renesas Technology Corp
ZSPM4011 RENESAS-ZSPM4011 Datasheet
682Kb / 21P
ZSPM4011 High Efficiency 1A Synchronous Buck Converter
April 15, 2016
ZSPM4011B RENESAS-ZSPM4011B Datasheet
829Kb / 22P
High Efficiency 1A Synchronous Buck Converter
January 27, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com