Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM4011 Datasheet (PDF) - Renesas Technology Corp

ZSPM4011 Datasheet PDF - Renesas Technology Corp
Part # ZSPM4011
Download  ZSPM4011 Download
File Size   682.48 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ZSPM4011 High Efficiency 1A Synchronous Buck Converter

ZSPM4011 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSPM4011 Datasheet PDF - Renesas Technology Corp

Part # ZSPM4011
Download  ZSPM4011 Click to download

File Size   682.48 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ZSPM4011 High Efficiency 1A Synchronous Buck Converter

ZSPM4011 Datasheet (HTML) - Renesas Technology Corp


ZSPM4011 Product details

Features
•Output voltage options depending on ordercode:
Fixed output voltages: 1.5V, 1.8V, 2.5V,3.3V, or 5V with +/- 2% output tolerance
Adjustable output voltage range: 0.9V to 5Vwith +/- 1.5% reference
•Wide input voltage range:6V to 24V
•1MHz +/- 10% fixed switching frequency
•1A continuous output current
•High efficiency – up to 95%
•Current mode PWM control with pulse-frequency modulation (PFM) mode forimproved light load efficiency
•Voltage supervisor for VOUT reported at the PGpin
•Input supply under voltage lockout
•Soft start for controlled startup with noovershoot
•Full protection for over-current, over-temperature, and VOUT over-voltage
•Less than 10μA in Disabled Mode
•Low external component count




Similar Part No. - ZSPM4011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
ZSPM4011AA1W00 ETC2-ZSPM4011AA1W00 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
ZSPM4011AA1W15 ETC2-ZSPM4011AA1W15 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
ZSPM4011AA1W18 ETC2-ZSPM4011AA1W18 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
ZSPM4011AA1W25 ETC2-ZSPM4011AA1W25 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
More results


Similar Description - ZSPM4011

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
ZSPM4011B ETC2-ZSPM4011B Datasheet
1Mb / 23P
High Efficiency 1A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5691 GMT-G5691 Datasheet
79Kb / 1P
1.5MHz, 1A High Efficiency Buck Converter
logo
Integrated Device Techn...
ZSPM4011B IDT-ZSPM4011B Datasheet
655Kb / 21P
High Efficiency 1A Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
Renesas Technology Corp
ZSPM4011B RENESAS-ZSPM4011B Datasheet
829Kb / 22P
High Efficiency 1A Synchronous Buck Converter
January 27, 2016
logo
Monolithic Power System...
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com