Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4571 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4571
Description  High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4571 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4571 Datasheet HTML 4Page - Monolithic Power Systems MP4571 Datasheet HTML 5Page - Monolithic Power Systems MP4571 Datasheet HTML 6Page - Monolithic Power Systems MP4571 Datasheet HTML 7Page - Monolithic Power Systems MP4571 Datasheet HTML 8Page - Monolithic Power Systems MP4571 Datasheet HTML 9Page - Monolithic Power Systems MP4571 Datasheet HTML 10Page - Monolithic Power Systems MP4571 Datasheet HTML 11Page - Monolithic Power Systems MP4571 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MP4571
– 60V, 1A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4571 Rev. 1.1
www.MonolithicPower.com
8
2/22/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 24V, VEN = 2V, TJ = -40°C to +125°C (6), typical values are at TJ = 25°C, unless otherwise
noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Protections
Peak current limit
IPEAK-LIMIT
20% duty cycle
1.4
1.95
2.5
A
Valley current limit
IVALLEY-LIMIT
1.4
A
Zero cross threshold
IZCD
AAM
-100
140
+300
mA
Negative current limit
INEG-LIMIT
FCCM
-2
-1.3
-0.8
A
Thermal shutdown (7)
TSD
Temperature rising
170
°C
Thermal shutdown
hysteresis (7)
TSD-SYS
25
°C
Notes:
6) Not tested in production. Guaranteed by over-temperature correlation.
7) Derived from the bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com