Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4571 Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MP4571
Description  High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4571 Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MP4571 Datasheet HTML 24Page - Monolithic Power Systems MP4571 Datasheet HTML 25Page - Monolithic Power Systems MP4571 Datasheet HTML 26Page - Monolithic Power Systems MP4571 Datasheet HTML 27Page - Monolithic Power Systems MP4571 Datasheet HTML 28Page - Monolithic Power Systems MP4571 Datasheet HTML 29Page - Monolithic Power Systems MP4571 Datasheet HTML 30Page - Monolithic Power Systems MP4571 Datasheet HTML 31Page - Monolithic Power Systems MP4571 Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
MP4571
– 60V, 1A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4571 Rev. 1.1
www.MonolithicPower.com
28
2/22/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
VIN
EN
IN
R4
2.8M
Ω
R5
8
12
6V
Zener
Figure 6: Adjustable UVLO Using EN Divider
when EN Falls
The UVLO threshold can be calculated with
Equation (13) and Equation (14) when EN is
rising or falling, respectively:
EN_RISING
RISING
V
1.8M//R5
R4
(1
INUV
+
=
)
(13)
EN_FALLING
FALLING
V
2.8M//R5
R4
(1
INUV
+
=
)
(14)
Where VEN_RISING = 1.45V, VEN_FALLING = 1.12V.
When choosing R4, ensure it is big enough to
limit the current flowing into EN pin below 100µA.
BST Resistor and Capacitor
A resistor in series with the BST capacitor (RBST)
can reduce the SW rising rate and voltage spikes.
This enhances EMI performance and reduces
voltage stress at a high VIN. A higher resistance
is
better
for
SW
spike
reduction,
but
compromises efficiency. To make a tradeoff
between EMI and efficiency, it is recommended
to keep RBST below 20Ω. It is also recommended
for the BST capacitor to be between 0.1µF and
1μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com