Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4571 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4571
Description  High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4571 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4571 Datasheet HTML 8Page - Monolithic Power Systems MP4571 Datasheet HTML 9Page - Monolithic Power Systems MP4571 Datasheet HTML 10Page - Monolithic Power Systems MP4571 Datasheet HTML 11Page - Monolithic Power Systems MP4571 Datasheet HTML 12Page - Monolithic Power Systems MP4571 Datasheet HTML 13Page - Monolithic Power Systems MP4571 Datasheet HTML 14Page - Monolithic Power Systems MP4571 Datasheet HTML 15Page - Monolithic Power Systems MP4571 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
MP4571
– 60V, 1A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4571 Rev. 1.1
www.MonolithicPower.com
12
2/22/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 24V, VOUT = 5V, L = 15µH, fSW = 400kHz, AAM, TA = 25°C, unless otherwise noted.
Efficiency vs. Load Current
fSW = 400kHz, L = 15
μH, AAM
Efficiency vs. Load Current
fSW = 400kHz, L = 15
μH, CCM
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
20
30
40
50
60
70
80
90
100
1
10
100
1000
LOAD CURRENT (mA)
VIN=8V
VIN=12V
VIN=24V
VIN=36V
Vin=48V
VIN=60V
0.00
0.15
0.30
0.45
0.60
0.75
0.90
1.05
1.20
1.35
1.50
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
LOAD CURRENT (mA)
VIN=8V
VIN=12V
VIN=24V
VIN=36V
Vin=48V
VIN=60V
Efficiency vs. Load Current
fSW = 1MHz, L = 10
μH, AAM
Efficiency vs. Load Current
fSW = 1MHz, L = 10
μH, CCM
0.00
0.40
0.80
1.20
1.60
2.00
2.40
2.80
3.20
20
30
40
50
60
70
80
90
100
1
10
100
1000
LOAD CURRENT (mA)
VIN=8V
VIN=12V
VIN=24V
VIN=36V
Vin=48V
VIN=60V
0.00
0.30
0.60
0.90
1.20
1.50
1.80
2.10
2.40
2.70
3.00
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
LOAD CURRENT (mA)
VIN=8V
VIN=12V
VIN=24V
VIN=36V
Vin=48V
VIN=60V
Efficiency vs. Load Current
fSW = 2.2MHz, L = 4.7
μH, AAM
Efficiency vs. Load Current
fSW = 2.2MHz, L = 4.7
μH, CCM
0.00
0.40
0.80
1.20
1.60
2.00
2.40
2.80
3.20
20
30
40
50
60
70
80
90
100
1
10
100
1000
LOAD CURRENT (mA)
VIN=8V
VIN=12V
VIN=24V
VIN=36V
Vin=48V
VIN=60V
0.00
0.30
0.60
0.90
1.20
1.50
1.80
2.10
2.40
2.70
3.00
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
LOAD CURRENT (mA)
VIN=8V
VIN=12V
VIN=24V
VIN=36V
Vin=48V
VIN=60V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com