Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4571 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP4571
Description  High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4571 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP4571 Datasheet HTML 18Page - Monolithic Power Systems MP4571 Datasheet HTML 19Page - Monolithic Power Systems MP4571 Datasheet HTML 20Page - Monolithic Power Systems MP4571 Datasheet HTML 21Page - Monolithic Power Systems MP4571 Datasheet HTML 22Page - Monolithic Power Systems MP4571 Datasheet HTML 23Page - Monolithic Power Systems MP4571 Datasheet HTML 24Page - Monolithic Power Systems MP4571 Datasheet HTML 25Page - Monolithic Power Systems MP4571 Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
MP4571
– 60V, 1A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4571 Rev. 1.1
www.MonolithicPower.com
22
2/22/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
OPERATION
The MP4571 is a fully integrated, synchronous,
rectified, step-down, non-isolated switch-mode
converter. It offers a wide 4.5V to 60V input
supply range, and can achieve up to 1A of
continuous output current with excellent load and
line regulation across an ambient temperature
range of -40°C to +125°C. Figure 1 shows a
block diagram of the device.
PWM Control
At moderate to high output currents, the MP4571
operates in fixed-frequency, peak current control
mode to regulate the output voltage.
An internal clock initiates a PWM cycle. At the
rising edge of the clock, the high-side switch (HS-
FET) turns on, and the inductor current rises
linearly to provide energy to the load. The HS-
FET remains on until the current reaches the
value set by the COMP voltage (VCOMP), which is
the output of the internal error amplifier. VCOMP is
based on the difference between the output
feedback voltage and internal high-precision
reference. VCOMP determines how much energy
should be transferred to the load. A higher load
current creates a higher VCOMP. Once the HS-FET
is on, it remains on for at least 90ns.
When the HS-FET is off, the low-side switch (LS-
FET) turns on immediately, and stays on until the
next clock starts. During this time, the inductor
current flows through the LS-FET. Once the LS-
FET is on, it remains on for at least 100ns before
the next cycle starts. To avoid shoot-through, a
dead time is inserted to prevent the HS-FET and
LS-FET from turning on simultaneously.
If the current in the HS-FET does not reach the
COMP set current value within one PWM period,
the HS-FET remains on, saving a turn-off
operation.
Light-Load Operation
The
MP4571
features
configurable
forced
continuous conduction mode (FCCM) and light-
load
asynchronous
advanced
mode
(AAM),
which can be set by the CCM/SYNCO pin. FCCM
maintains a constant switching frequency and
smaller output ripple. However, FCCM has low
efficiency during light-load conditions, while AAM
achieves high efficiency (see Figure 2).
To force the device into FCCM, connect the
CCM/SYNCO pin to GND using a 10k
Ω to 300kΩ
resistor. In FCCM, the converter works with a
fixed frequency across a no-load to full-load
range. Float the CCM/SYNCO pin to force the
device into AAM under light-load conditions. The
device cannot change modes while it is operating,
so the mode must be selected before start-up.
AAM
Inductor
Current
t
t
t
Load
Decreased
FCCM
Inductor
Current
t
t
t
Load
Decreased
Figure 2: AAM and FCCM
When AAM is enabled, the switching frequency is
scaled down according to VCOMP during light-load
conditions.
The
MP4571
first
enters
nonsynchronous operation while the inductor
current approaches zero at light-load. If the load
further decreases or is at no-load, VCOMP drops
below the internally set AAM value (VAAM). The
MP4571 then enters sleep mode and consumes
a low quiescent current to improve light-load
efficiency.
In sleep mode, the internal clock is blocked, so
the MP4571 skips some pulses. VFB is below
VREF, so VCOMP ramps up until it exceeds VAAM.
Then the internal clock
is
reset, and
the
crossover time is used as the benchmark for the
next clock. This control scheme helps the device
achieve high efficiency by scaling down the
frequency to reduce switching and gate driver
losses.
As the output current increases from light load,
both VCOMP and the switching frequency rise. If
the output current exceeds the critical level set by
VCOMP,
the
MP4571
enters
discontinuous
conduction operation (DCM) or CCM, which has
a constant switching frequency.
Enable (EN) Control
The MP4571 can be enabled or disabled via a
remote EN signal that is referenced to ground. The
remote EN control operates with a positive logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com