Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4571 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4571
Description  High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4571 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4571 Datasheet HTML 2Page - Monolithic Power Systems MP4571 Datasheet HTML 3Page - Monolithic Power Systems MP4571 Datasheet HTML 4Page - Monolithic Power Systems MP4571 Datasheet HTML 5Page - Monolithic Power Systems MP4571 Datasheet HTML 6Page - Monolithic Power Systems MP4571 Datasheet HTML 7Page - Monolithic Power Systems MP4571 Datasheet HTML 8Page - Monolithic Power Systems MP4571 Datasheet HTML 9Page - Monolithic Power Systems MP4571 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MP4571
– 60V, 1A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4571 Rev. 1.1
www.MonolithicPower.com
6
2/22/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN……………………………………………… 65V
VSW....................................... -0.3V to VIN + 0.3V
VBST ...................................................... VSW + 6V
All Other Pins ................................. -0.3V to +6V
Continuous power dissipation (TA = 25°C) (2)
QFN-12 (2.5mmx3mm) ............................ 2.08W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature ............... -65°C to +150°C
Electrostatic Discharge (ESD) Rating
Human body model (HBM) .......................
±2kV
Charged device model (CDM) ............... ±750V
Recommended Operating Conditions
Continuous supply voltage (VIN).......4.5V to 60V
Output voltage (VOUT)...................1V to 0.9 x VIN
Load current range .............................. 0A to 1A
Operating junction temp (TJ)……………………..
……………………………….. -40°C to +125°C (3)
Thermal Resistance
θJA θJC
QFN-12 (2.5mmx3mm)
JESD51-7 (4).............................60......13....°C/W
EVQ4571-QB-00A (5)................45......11....°C/W
Notes:
1) Absolute maximum ratings are rated under room temperature
unless
otherwise noted.
Exceeding these ratings
may
damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient thermal resistance,
θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
module will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) This device is not guaranteed to function outside its operating
conditions.
4) Measured on JESD51-7, 4-layer PCB.
5) Measured on MPS standard EVB: 8.9cmx8.9cm, 2oz. copper,
4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com