Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4571 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP4571
Description  High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4571 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP4571 Datasheet HTML 3Page - Monolithic Power Systems MP4571 Datasheet HTML 4Page - Monolithic Power Systems MP4571 Datasheet HTML 5Page - Monolithic Power Systems MP4571 Datasheet HTML 6Page - Monolithic Power Systems MP4571 Datasheet HTML 7Page - Monolithic Power Systems MP4571 Datasheet HTML 8Page - Monolithic Power Systems MP4571 Datasheet HTML 9Page - Monolithic Power Systems MP4571 Datasheet HTML 10Page - Monolithic Power Systems MP4571 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
MP4571
– 60V, 1A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4571 Rev. 1.1
www.MonolithicPower.com
7
2/22/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
Electrical CharacteristicS
VIN = 24V, VEN = 2V, TJ = -40°C to +125°C (6), typical values are at TJ = 25°C, unless otherwise
noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Input Supply and UVLO
Supply current
(quiescent)
IQ
No load, VFB = 0.85V, AAM
40
65
μA
Supply current
(shutdown)
ISD
VEN = 0V
2
5
μA
VIN under-voltage lockout
rising threshold
INUVVth-R
3.8
4.0
4.2
V
VIN under-voltage lockout
falling threshold
INUVVth-F
3.3
3.5
3.7
V
VIN UVLO threshold
hysteresis
INUVHYS
500
mV
Output and Regulation
Regulated FB reference
VREF
TJ = 25°C
0.792 0.800 0.808
V
TJ = -40°C to +125°C
0.784
0.816
V
FB input current
IFB
VFB = 0.85V
10
50
nA
Switches and Frequency
High-side switch on
resistance
RDSON-H
VBST - VSW = 5V, TJ = 25°C
150
250
350
mΩ
VBST - VSW = 5V, TJ = -40°C to +125°C
100
500
Low-side switch on
resistance
RDSON-L
TJ = 25°C
30
45
60
mΩ
TJ = -40°C to +125°C
20
90
SW leakage current
ISW-LKG
VEN = 0V, VSW = 0V or 60V
0.1
30
μA
Switching frequency
fSW
RFREQ
= 76.8kΩ
300
400
500
kHz
RFREQ
= 28kΩ
750
1000
1250
kHz
RFREQ
= 12.1kΩ
1800
2200
2700
kHz
Minimum on time (7)
tON-MIN
90
ns
Minimum off time (7)
tOFF-MIN
100
ns
Power Good (PG) Indicator
PG sink current capacity
VPG-SINK
Sink 4mA
300
mV
PG delay time
tPG-DELAY
Rising edge
70
μs
Falling edge
25
μs
PG leakage current
IPG-LKG
10
1000
nA
PG rising threshold
(VFB / VREF)
PGRISING
VFB rising
90
%
VFB falling
108
%
PG falling threshold
(VFB / VREF)
PGFALLING
VFB falling
84
%
VFB rising
116
%
Enable (EN) Control
EN input rising threshold
VEN-RISING
1.38
1.45
1.52
V
EN input falling threshold
VEN-FALLING
1.05
1.12
1.19
V
EN threshold hysteresis
VEN-HYS
330
mV
EN input current
IEN
VEN = 2V
0.7
μA
EN turn-off delay
tEN-DELAY
5
μs
BST
BST-SW UVLO
1.4
2.5
V
BST-SW UVLO
hysteresis
60
mV
Soft Start and VCC
Soft-start time
tSS
0.45
ms
VCC regulator
VCC
ICC = 0mA
4.6
4.9
5.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com