Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

679-1122-321F Datasheet (PDF) - Dialight Corporation

679-1122-321F Datasheet PDF - Dialight Corporation
Part # 679-1122-321F
Download  679-1122-321F Download
File Size   385.03 Kbytes
Page   3 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description Watertight Panel Mount Indicators

679-1122-321F Datasheet (PDF)

Go To PDF Page Download Datasheet
679-1122-321F Datasheet PDF - Dialight Corporation

Part # 679-1122-321F
Download  679-1122-321F Click to download

File Size   385.03 Kbytes
Page   3 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description Watertight Panel Mount Indicators

679-1122-321F Datasheet (HTML) - Dialight Corporation


679-1122-321F Product details

Features & Benefits
• Low power consumption - uses up to 90% less energy than
an incandescent indicator
• No heat generated
• Long life, lasting up to 100K hours
• Colors include red, green, orange, and blue
• Front panel mounting
• LED can be recessed, protrude, and internal from housing




Similar Part No. - 679-1122-321F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
679-1 MICROSEMI-679-1 Datasheet
129Kb / 3P
RECTIFIERS ASSEMBLIES
679-1 MICROSEMI-679-1 Datasheet
807Kb / 3P
Current ratings to 25A
More results


Similar Description - 679-1122-321F

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-750 CUI-CPE-750 Datasheet
239Kb / 5P
panel mount piezo indicators
CPE-750PA CUI-CPE-750PA Datasheet
245Kb / 5P
panel mount piezo indicators
logo
Dialight Corporation
557-1412-203F DIALIGHT-557-1412-203F Datasheet
108Kb / 2P
High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
557-1502-203F DIALIGHT-557-1502-203F Datasheet
119Kb / 2P
High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
607-1112-110F DIALIGHT-607-1112-110F Datasheet
117Kb / 2P
LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability
609-1122-120F DIALIGHT-609-1122-120F Datasheet
118Kb / 2P
LED Panel Mount Indicators for 9.35mm Mounting Hole w/ Optional Watertight Capability
657-1502-103F DIALIGHT-657-1502-103F Datasheet
118Kb / 2P
Domed & Flat LED Watertight 11/16' Mounting Hole Panel Mount Indicators
657-3009-213F DIALIGHT-657-3009-213F Datasheet
93Kb / 1P
Watertight - 11/16' Mounting Hole Panel Mount Indicators
logo
List of Unclassifed Man...
PM3 ETC2-PM3 Datasheet
2Mb / 10P
PANEL MOUNT INDICATORS
logo
Marl International Limi...
354-320-04 MARL-354-320-04 Datasheet
448Kb / 3P
STD PANEL MOUNT INDICATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com