Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBT19102 Datasheet (PDF) - SIPAT Co,Ltd

LBT19102 Datasheet PDF - SIPAT Co,Ltd
Part # LBT19102
Download  LBT19102 Download
File Size   143.14 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 191MHz SAW Filter 16MHz Bandwidth

LBT19102 Datasheet (PDF)

Go To PDF Page Download Datasheet
LBT19102 Datasheet PDF - SIPAT Co,Ltd

Part # LBT19102
Download  LBT19102 Click to download

File Size   143.14 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 191MHz SAW Filter 16MHz Bandwidth

LBT19102 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - LBT19102

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT19102 SIPAT-LBT19102 Datasheet
148Kb / 3P
191MHz SAW Filter 16MHz Bandwidth
More results


Similar Description - LBT19102

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LB140DS13 SIPAT-LB140DS13 Datasheet
271Kb / 3P
140MHz SAW Filter 16MHz Bandwidth
LBN70A17 SIPAT-LBN70A17 Datasheet
284Kb / 3P
70MHz SAW Filter 16MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBN70A28 SIPAT-LBN70A28 Datasheet
273Kb / 3P
70MHz SAW Filter 16MHz Bandwidth
LBN09024 SIPAT-LBN09024 Datasheet
143Kb / 3P
90MHz SAW Filter 16MHz Bandwidth
LBT19101 SIPAT-LBT19101 Datasheet
143Kb / 3P
191MHz SAW Filter 16MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0153A TAI-SAW-TB0153A Datasheet
195Kb / 4P
SAW Filter 479.5MHz, BW=16MHz, TO-39
logo
SIPAT Co,Ltd
LBT19101 SIPAT-LBT19101 Datasheet
149Kb / 3P
191MHz SAW Filter 16MHz Bandwidth
LBT19102 SIPAT-LBT19102 Datasheet
148Kb / 3P
191MHz SAW Filter 16MHz Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com