Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAP-04 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

DAP-04 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # DAP-04
Download  DAP-04 Download
File Size   116.3 Kbytes
Page   7 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description DALI-PWM Signal Converter

DAP-04 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAP-04 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # DAP-04
Download  DAP-04 Click to download

File Size   116.3 Kbytes
Page   7 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description DALI-PWM Signal Converter

DAP-04 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


DAP-04 Product details

■ Features
• Universal AC input / Full range ( up to 305VAC)
• Convert DALI signal to PWM signal
• 4 DALI addressable output channels
• Built-in push dim function
• Comply with DALI standards (IEC62386-101, 102, 207)
• PWM active high or active low selectable by jumper
• Linear or logarithm dimming curve selectable (comply with IEC62386-207)
• Dimming range : 1 ~ 100%
• Built-in relay for ON/OFF control of LED power supply
• Fully isolated plastic case
• Class n power unit, no FG
• IP20 design
• Power consumption < 0.5W (Note.1)
• 3 years warranty




Similar Part No. - DAP-04

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DAP-04 MEANWELL-DAP-04 Datasheet
117Kb / 7P
DALI-PWM Signal Converter
More results


Similar Description - DAP-04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1512 ONSEMI-NCP1512 Datasheet
77Kb / 12P
PWM Buck Converter
June, 2003 - Rev. 0
logo
Mean Well Enterprises C...
DAP-04 MEANWELL-DAP-04 Datasheet
117Kb / 7P
DALI-PWM Signal Converter
logo
Richtek Technology Corp...
RT3601EA RICHTEK-RT3601EA Datasheet
660Kb / 40P
Signal Phase PWM Controller
logo
LinkCom Manufacturing C...
DAL000N802PON0-00G LINKCOM-DAL000N802PON0-00G Datasheet
193Kb / 2P
DALI PWM Relay Driver
DAL035N241PON0-00G LINKCOM-DAL035N241PON0-00G Datasheet
225Kb / 3P
DALI System Master
logo
WAGO Kontakttechnik Gmb...
753-647 WAGO-753-647 Datasheet
539Kb / 13P
DALI Multi-Master
753-620 WAGO-753-620 Datasheet
460Kb / 11P
DALI Multi-Master DC/DC Converter
750-641 WAGO-750-641 Datasheet
494Kb / 11P
DALI/DSI Master
logo
Mean Well Enterprises C...
DLC-02 MEANWELL-DLC-02 Datasheet
1Mb / 6P
DALI Controller/DALI Gateway
DLC-02-KN MEANWELL-DLC-02-KN Datasheet
992Kb / 7P
KNX-DALI Gateway
2022-11-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com