Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

471-031 Datasheet (PDF) - Digilent

471-031 Datasheet PDF - Digilent
Part # 471-031
Download  471-031 Download
File Size   533.91 Kbytes
Page   5 Pages
Manufacturer  DIGILENT [Digilent]
Direct Link  https://digilent.com/
Logo DIGILENT - Digilent
Description Analog Discovery Studio

471-031 Datasheet (PDF)

Go To PDF Page Download Datasheet
471-031 Datasheet PDF - Digilent

Part # 471-031
Download  471-031 Click to download

File Size   533.91 Kbytes
Page   5 Pages
Manufacturer  DIGILENT [Digilent]
Direct Link  https://digilent.com/
Logo DIGILENT - Digilent
Description Analog Discovery Studio

471-031 Datasheet (HTML) - Digilent


471-031 Product details

Features:
Analog Inputs:
Used in the Oscilloscope, Network Analyzer,
Spectrum Analyzer, Voltmeter, Impedance
Analyzer, and Data Logger
Two analog input channels, accessible
through BNC or MTE connectors
Channel type: differential (with MTE) or
single‐ended (with BNC)
Analog bandwidth with BNC cables: 30+
MHz @ 3dB
Analog bandwidth with MTE flywires: 9 MHz
@ 3dB
Input range ±25 V (±50 V diff)
Input protected to ±50 V
14‐bit resolution
Operate at 100 MS/s
Analog Outputs:
 Used in the Waveform Generator and
Network Analyzer
 Two arbitrary waveform generator
channels, accessible through BNC or MTE
connectors
 AC amplitude (max): ±5 V
 Analog bandwidth (BNC or MTE connectors:
8 MHz @ 3dB)
 Operate at 100 MS/s
Digital Inputs and Outputs:
 Used in the Logic Analyzer, Pattern
Generator, Protocol Analyzer, and Digital
I/O
 Channels: 16
 Input logic standard: LVCMOS (1.8/3.3V, 5V
tolerant)
 Output logic standard: LVCMOS (3.3V,
12mA)
Power Supplies:
 12 volt supply: 12V ±5%; 0.2 Amps max
 ‐12 volt supply: ‐12V ±5%, 0.2 Amps max
 5 volt supply: 5.0V ±5%; 1.0 Amps max
 3.3 volt supply: 3.3V ±5%; 1.0 Amps max
 V+ and V‐ rails: 1V to 5V (V+), and ‐1V to ‐5V
(V‐)
 Maximum power output: 2.1W for each
supply
 Maximum current output: 700mA for
each supply.




Similar Part No. - 471-031

ManufacturerPart #DatasheetDescription
logo
Digilent
471-032 DIGILENT-471-032 Datasheet
9Mb / 8P
Blank Canvas Reference Manual
471-032 DIGILENT-471-032 Datasheet
469Kb / 4P
Blank Canvas
471-036 DIGILENT-471-036 Datasheet
96Kb / 7P
Eclypse Z7
2025/04/15
471-036-1 DIGILENT-471-036-1 Datasheet
96Kb / 7P
Eclypse Z7
2025/04/15
More results


Similar Description - 471-031

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8250 FREESCALE-MPC8250 Datasheet
956Kb / 2P
CodeWarrior Development Studio
MPC852 FREESCALE-MPC852 Datasheet
1Mb / 2P
CodeWarrior Development Studio
logo
Gamewell-FCI by Honeywe...
XP95-DM GAMEWELL-FCI-XP95-DM Datasheet
150Kb / 2P
Analog Addressable Discovery Multi-Sensor
logo
STMicroelectronics
UM0970 STMICROELECTRONICS-UM0970 Datasheet
1Mb / 30P
STM8L-DISCOVERY
15-Jun-2011
logo
Cree, Inc
CXA2 CREE-CXA2 Datasheet
2Mb / 15P
XLamp Studio LED
Rev 0C
logo
ATMEL Corporation
STK500 ATMEL-STK500 Datasheet
2Mb / 61P
AVR Studio Compatible
Rev. 1925C-AVR-3/03
logo
Soshin electric Co., Lt...
LP15MHZ-1553 SOSHIN-LP15MHZ-1553 Datasheet
110Kb / 1P
For Digital Studio
LP30MHZ-1551 SOSHIN-LP30MHZ-1551 Datasheet
89Kb / 1P
For Digital Studio
logo
Weidmuller
2660130000 WEIDMULLER-2660130000 Datasheet
58Kb / 2P
U-CREATE-STUDIO
November 4, 2021
logo
STMicroelectronics
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
15-Nov-2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com