Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

411-002 Datasheet (PDF) - Digilent

411-002 Datasheet PDF - Digilent
Part # 411-002
Download  411-002 Download
File Size   1784.66 Kbytes
Page   27 Pages
Manufacturer  DIGILENT [Digilent]
Direct Link  https://digilent.com/
Logo DIGILENT - Digilent
Description Analog Discovery Pro 5000 Series

411-002 Datasheet (PDF)

Go To PDF Page Download Datasheet
411-002 Datasheet PDF - Digilent

Part # 411-002
Download  411-002 Click to download

File Size   1784.66 Kbytes
Page   27 Pages
Manufacturer  DIGILENT [Digilent]
Direct Link  https://digilent.com/
Logo DIGILENT - Digilent
Description Analog Discovery Pro 5000 Series

411-002 Datasheet (HTML) - Digilent


411-002 Product details

Highlighted Features
• USB-based Mixed Signal Oscilloscopes
• Options for two or four analog input channels, with
sample rates and bandwidths from 1 to 2 GS/s and 100
to 500 MHz
• 34 digital inputs at 1 GS/s
• Digital Multimeter supporting CAT II measurements
• Three programmable power supplies
• An analog output with up to 40 MHz bandwidth
• Bode plot, FFT, impedance analyzer, and more
• Extensive software support with WaveForms,
WaveForms SDK, and LabVIEW
1 Features
Analog Inputs
•Analog Discovery Pro 5250
oTwo BNC input channels with 8-bit resolution with up to ±20 V input range
o100 MHz bandwidth, aggregate 1 GS/s
•Analog Discovery Pro 5470
oFour BNC input channels with 8-bit resolution with up to ±20 V input range
o350 MHz bandwidth, 1.5 GS/s per channel
•Analog Discovery Pro 5490
oFour BNC input channels with 8-bit resolution with up to ±20 V input range
o500 MHz bandwidth, 2 GS/s per channel
Analog Output
•One BNC output channel with 14-bit resolution, ±12 V output range
•Analog Discovery Pro 5250 and 5470
o20 MHz bandwidth, up to 125 MS/s
•Analog Discovery Pro 5490
o40 MHz bandwidth, up to 200 MS/s
Logic Analyzer
•34 digital inputs with configurable voltage threshold
•Up to 1 GS/s per channel
Power Supplies
•Three programmable power supplies (0 V to 6 V, 0 V to 25 V, 0 V to -25 V)
•Analog Discovery Pro 5250
oUp to 1 A output on the 6 V rail, up to 500 mA each on the ±25 V rails
•Analog Discovery Pro 5470 and 5490
oUp to 3 A output on the 6 V rail, up to 1 A each on the ±25 V rails
•Integrated hardware readback of voltage and current output for each rail
Additional Features
•Integrated CAT II Digital Multimeter
•Triggering and cross triggering between instruments
Software Support
•Digilent’s WaveForms software on Windows
•WaveForms SDK for custom applications and scripting through C/C++, Python, C#, Visual Basic
•LabVIEW support




Similar Part No. - 411-002

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
411-000-22-50 MARL-411-000-22-50 Datasheet
326Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
More results


Similar Description - 411-002

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
XP95-DM GAMEWELL-FCI-XP95-DM Datasheet
150Kb / 2P
Analog Addressable Discovery Multi-Sensor
logo
Ralston Instruments.
GAUG-5000 RALSTON-GAUG-5000 Datasheet
336Kb / 1P
0-5000 psig Analog Test Gauge
XHGV-5KPSI-M RALSTON-XHGV-5KPSI-M Datasheet
363Kb / 2P
XHGV (5000 psi / 350 bar) pump, 5000 psi analog gauge
XHGV-5KPSIG-M RALSTON-XHGV-5KPSIG-M Datasheet
562Kb / 2P
XHGV (5000 psi / 350 bar) pump, 5000 psi analog gauge, 3ft hose, 1/4
logo
Winchester Electronics ...
KTK-15 WINCHESTER-KTK-15 Datasheet
127Kb / 1P
KTH-5000 SERIES
logo
STMicroelectronics
UM0970 STMICROELECTRONICS-UM0970 Datasheet
1Mb / 30P
STM8L-DISCOVERY
15-Jun-2011
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
15-Nov-2012
logo
NHP Electrical Engineer...
5094-IF8 NHP-5094-IF8 Datasheet
564Kb / 1P
FLEX 5000 ANALOG 8 INPUT
8 June 2023,
5094-IY8 NHP-5094-IY8 Datasheet
422Kb / 1P
FLEX 5000 UNIVERSAL ANALOG 8 INPUT
8 June 2023,
5094-OF8 NHP-5094-OF8 Datasheet
563Kb / 1P
FLEX 5000 ANALOG 8 OUTPUT
8 June 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com