Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCM-1690-TMCL Datasheet (PDF) - Analog Devices

TMCM-1690-TMCL Datasheet PDF - Analog Devices
Part # TMCM-1690-TMCL
Download  TMCM-1690-TMCL Download
File Size   3312.29 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description TMCM-1690-TMCL Hardware Manual

TMCM-1690-TMCL Datasheet (PDF)

Go To PDF Page Download Datasheet
TMCM-1690-TMCL Datasheet PDF - Analog Devices

Part # TMCM-1690-TMCL
Download  TMCM-1690-TMCL Click to download

File Size   3312.29 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description TMCM-1690-TMCL Hardware Manual

TMCM-1690-TMCL Datasheet (HTML) - Analog Devices


TMCM-1690-TMCL Product details

Features
• Supply Voltage +10 to +60V DC
• FOC Servo Controller and Gate Driver
Module for BLDC and DC Motors
• 0.5A/1.0A/1.5A Gate Drive current
• Up to 120kHz PWM Frequency
• Onboard Current-sense Ampliers
• Supports UART (RS232/RS485-ready)
and CAN Interface
• Supports Incremental Encoders (ABN),
Digital HALL Sensors, Absolute SPI
Encoders
• Reference Switch Inputs
• Compact Size (27mm x 22.5mm)




Similar Part No. - TMCM-1690-TMCL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMCM-1690-CAN-EVAL AD-TMCM-1690-CAN-EVAL Datasheet
9Mb / 28P
TMCM-1690-CAN-EVAL Evaluation Board
Rev 0: 01/24
More results


Similar Description - TMCM-1690-TMCL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2144 RENESAS-H8S2144 Datasheet
4Mb / 1140P
HARDWARE MANUAL
logo
Hitachi Semiconductor
SH7604 HITACHI-SH7604 Datasheet
2Mb / 633P
Hardware Manual
HD6433937 HITACHI-HD6433937 Datasheet
1Mb / 521P
Hardware Manual
logo
TRINAMIC Motion Control...
BB-100 TRINAMIC-BB-100 Datasheet
206Kb / 1P
Baseboard for 1x TMCM-100 1x TMCM-035
BB-303 TRINAMIC-BB-303 Datasheet
448Kb / 1P
Baseboardfor TMCM-303/TMCM-343
BB-323 TRINAMIC-BB-323 Datasheet
447Kb / 1P
Baseboard for TMCM-323 and TMCM-302/TMCM-342 or TMCM-303/TMCM-343
logo
Renesas Technology Corp
HD6473837H RENESAS-HD6473837H Datasheet
2Mb / 562P
Hardware Manual
logo
Analog Devices
ADF7030-1 AD-ADF7030-1 Datasheet
533Kb / 15P
Hardware Reference Manual
Rev. 0
logo
TRINAMIC Motion Control...
TMCS-20 TRINAMIC-TMCS-20 Datasheet
469Kb / 12P
Hardware Manual
TMCM-1240 TRINAMIC-TMCM-1240 Datasheet
2Mb / 28P
TMCM-1240 Hardware Manual
2020-MAY-05 V1.20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com