Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF06332F Datasheet (PDF) - Multicomp Pro

CF06332F Datasheet PDF - Multicomp Pro
Part # CF06332F
Download  CF06332F Download
File Size   1772.16 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 6.3mm × 32mm (¼” × 1¼”) Glass and Ceramic

CF06332F Datasheet (PDF)

Go To PDF Page Download Datasheet
CF06332F Datasheet PDF - Multicomp Pro

Part # CF06332F
Download  CF06332F Click to download

File Size   1772.16 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 6.3mm × 32mm (¼” × 1¼”) Glass and Ceramic

CF06332F Datasheet (HTML) - Multicomp Pro


CF06332F Product details

[Features]
• Quick blow (F)
• Glass cartridge, nickel plated end caps
• Break capacity, 35A/250V (to 1A), 100A/250V (to 3.5A),
200A/250V (above 3.5A)
6.3mm × 32mm Time Delay Glass Fuses
CF06332T




Similar Part No. - CF06332F

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
CF06332F-500-10 MULTICOMP-CF06332F-500-10 Datasheet
351Kb / 1P
6.3mm × 32mm Glass Fast Blow Fuses
12/11/19
CF06332F/1/10 MULTICOMP-CF06332F/1/10 Datasheet
351Kb / 1P
6.3mm × 32mm Glass Fast Blow Fuses
12/11/19
CF06332F/10/10 MULTICOMP-CF06332F/10/10 Datasheet
351Kb / 1P
6.3mm × 32mm Glass Fast Blow Fuses
12/11/19
CF06332F/2/10 MULTICOMP-CF06332F/2/10 Datasheet
351Kb / 1P
6.3mm × 32mm Glass Fast Blow Fuses
12/11/19
CF06332F/3/10 MULTICOMP-CF06332F/3/10 Datasheet
351Kb / 1P
6.3mm × 32mm Glass Fast Blow Fuses
12/11/19
More results


Similar Description - CF06332F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-RR2B TI-RI-TRP-RR2B Datasheet
170Kb / 1P
32mm Glass Transponder
ECO-LINE TI-ECO-LINE Datasheet
146Kb / 1P
Low Frequency 32mm Glass Transponder
RI-TRP-RR2B TI-RI-TRP-RR2B_1 Datasheet
120Kb / 4P
32mm Glass Transponder
RI-TRP-RE2B TI-RI-TRP-RE2B_1 Datasheet
53Kb / 3P
ECO-LINE LOW-FREQUENCY 32mm GLASS TRANSPONDER
logo
Everlight Electronics C...
ELB-1010SYGD-S530-E2 EVERLIGHT-ELB-1010SYGD-S530-E2 Datasheet
87Kb / 6P
12.8 * 6.3mm Light Bars
logo
LUMEX INC.
GT-NE6E1925T LUMEX-GT-NE6E1925T Datasheet
44Kb / 1P
NEON LAMP, 6.3mm DIA, HIGH BRIGHTNESS
logo
Texas Instruments
RI-TRP-RE2B TI-RI-TRP-RE2B_09 Datasheet
78Kb / 4P
ECO-LINE LOW-FREQUENCY 32mm GLASS TRANSPONDER
logo
Cooper Bussmann, Inc.
AGC-120 COOPER-AGC-120 Datasheet
164Kb / 2P
Fast-acting, glass tube Optional axial leads available 1/4 x 1-1/4 (6.3mm x 32mm) physical size Glass tube, nickel-plated brass endcap construction
logo
Texas Instruments
RI-TRP-RE2B TI1-RI-TRP-RE2B_16 Datasheet
509Kb / 5P
ECO-LINE LOW-FREQUENCY 32mm GLASS TRANSPONDER
logo
Bel Fuse Inc.
FC-101-22 BEL-FC-101-22 Datasheet
974Kb / 2P
For 6.3mm Dia
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com