Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D01022 Datasheet (PDF) - Multicomp Pro

D01022 Datasheet PDF - Multicomp Pro
Part # D01022
Download  D01022 Download
File Size   265.01 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Wire Stripper

D01022 Datasheet (PDF)

Go To PDF Page Download Datasheet
D01022 Datasheet PDF - Multicomp Pro

Part # D01022
Download  D01022 Click to download

File Size   265.01 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Wire Stripper

D01022 Datasheet (HTML) - Multicomp Pro


D01022 Product details

[Description]
Automatically adjusting to the diameter of
the wire, this two-in-one wire stripper and
cutter is the ideal product for repeated,
swift wire stripping. Fully insulated for all
stranded and solid conductors from 0.2
to 6mm2, the product possesses blades
housed in a reinforced polyamide casing
contoured to fit comfortably into the hand
for extended periods of use encountered
in electrical assembly industries.

[Features]
• Automatic wire stripper for all common stranded and solid conductors
of 0.2 - 6mm2 (24 - 10 AWG)
• Adjustable length stop of 5 to 12 mm (removable if required)
• Easily accessible built-in side cutter for maximum Ø2 mm




Similar Part No. - D01022

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D01021 ETC2-D01021 Datasheet
94Kb / 1P
Cable Stripper Number 4 - 28
logo
Premier Farnell Limited...
D01023 DURATOOL-D01023 Datasheet
416Kb / 1P
Duo-Crimp No. 300
22/11/12 V1.0
D01026 DURATOOL-D01026 Datasheet
303Kb / 1P
Round Cable Stripper No. 13
22/01/12 V1.0
More results


Similar Description - D01022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63817-0000 MOLEX-63817-0000 Datasheet
120Kb / 1P
Manual Wire Stripper
logo
List of Unclassifed Man...
L-4421 ETC2-L-4421 Datasheet
1Mb / 2P
Stripmaster Wire Stripper Blade Set for 45-092 Wire Stripper
logo
Molex Electronics Ltd.
0638170000 MOLEX11-0638170000 Datasheet
40Kb / 1P
Manual Wire Stripper
63817-1300 MOLEX-63817-1300 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
63817-1100 MOLEX-63817-1100 Datasheet
985Kb / 4P
Manual Wire Stripper Tool
05-18-17
ATS-638170000 MOLEX-ATS-638170000 Datasheet
383Kb / 3P
Manual Wire Stripper Tool
10-29-10
ATS-638170800 MOLEX-ATS-638170800 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
ATS-638171400 MOLEX-ATS-638171400 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
ATS-640160040 MOLEX-ATS-640160040 Datasheet
108Kb / 2P
Manual Wire Stripper Tool
07-09-12
63817-1200 MOLEX-63817-1200 Datasheet
452Kb / 3P
Manual Wire Stripper Tool
03-06-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com