Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14CE1-1 Datasheet (PDF) - Honeywell Solid State Electronics Center

14CE1-1 Datasheet PDF - Honeywell Solid State Electronics Center
Part # 14CE1-1
Download  14CE1-1 Download
File Size   1400.15 Kbytes
Page   9 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH Miniature Precision Limit Switches

14CE1-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
14CE1-1 Datasheet PDF - Honeywell Solid State Electronics Center

Part # 14CE1-1
Download  14CE1-1 Click to download

File Size   1400.15 Kbytes
Page   9 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH Miniature Precision Limit Switches

14CE1-1 Datasheet (HTML) - Honeywell Solid State Electronics Center


14CE1-1 Product details

DESCRIPTION
All MICRO SWITCH™ 14CE Series miniature precision switches incorporate fluorocarbon diaphragm sealing to provide reliable protection, meeting IP65, IP66, IP67, and IP68, as well as NEMA 1, 2, 3, 3R, 4, 6, 6P, and 13 requirements. Versions with a boot seal also meet NEMA 12 requirements (dust, falling dirt, liquid media with solid contaminates). The cable or connector and basic switch terminals are encapsulated in an epoxy sealant, offering excellent resistance in harsh environments. For low temperature applications (down to -40 °C, -40 °F), CE Series switches can be supplied with low temperature seals and lubricant.
The CE Series switches are rugged and versatile switches which can be applied indoors in many harsh factory floor applications, as well as on outdoor equipment in extreme temperatures. A full range of actuators are available, including pin plungers, roller plungers, side rotary, multi-directional wire, and manually operated. The switches are also available with the industry standard, M12 micro-change 4-pin connector. MICRO SWITCH 14CE products meet European and Asian CE requirements.
FEATURES
• Rugged, miniature construction means minimal real estate on equipment
• NEMA 1, 2, 3, 3R, 4, 6, 6P, 12 (boot seal), 13, and IP65/66/67/68 environmental sealing
• Pre-leaded (Cenelec cable) or supplied with a M12 four-pin connector
• Wide selection of actuators and cable length variations with side and bottom exit cable/connector options
• 25 mm mounting centers engineered with a MICRO SWITCH SM switch for consistent, precise actuation
• Well suited for up to 10 million actuation cycles (Up to 5 million actuation cycles for wobble actuators)
• Gang mounting capability to provide a multi-plunger limit switch
• Low temperature variants available for indoor and outdoor applications
• CE approvals for European and Asian use
POTENTIAL APPLICATIONS
• Machine tools
• Off-road equipment
• Material handling
• Access and mobility solutions
• Textile machinery
• Robotics
• Packaging equipment
• Commercial appliances
• Print trade machinery
• Agricultural machinery




Similar Part No. - 14CE1-1

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
14CE1-1 HONEYWELL-14CE1-1 Datasheet
5Mb / 11P
Precision Limit Switches
September 2015
14CE1-1A HONEYWELL-14CE1-1A Datasheet
5Mb / 11P
Precision Limit Switches
September 2015
14CE1-1G HONEYWELL-14CE1-1G Datasheet
5Mb / 11P
Precision Limit Switches
September 2015
More results


Similar Description - 14CE1-1

ManufacturerPart #DatasheetDescription
logo
GREATECS
MP1 GREATECS-MP1 Datasheet
698Kb / 1P
Miniature SPST Micro Switches
MP2 GREATECS-MP2 Datasheet
121Kb / 1P
Miniature SPDT Micro Switches
logo
Honeywell Solid State E...
V15W11-EZ200-W3 HONEYWELL-V15W11-EZ200-W3 Datasheet
277Kb / 6P
MICRO SWITCH??V15W Series Watertight Miniature Switches
logo
List of Unclassifed Man...
MAH6A ETC2-MAH6A Datasheet
286Kb / 5P
MA SERIES - MICRO-LIMIT SWITCHES
FA4501-2DN ETC2-FA4501-2DN Datasheet
78Kb / 2P
Miniature Pre-Cabled Limit Switches FA
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
MICRO SWITCH Premium Miniature Basic Switches
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
05/19
914CE HONEYWELL-914CE Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
MICRO SWITCH Standard Miniature Basic Switches
06/20
HDLS HONEYWELL-HDLS Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com