Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1CPSA1 Datasheet (PDF) - Honeywell Solid State Electronics Center

1CPSA1 Datasheet PDF - Honeywell Solid State Electronics Center
Part # 1CPSA1
Download  1CPSA1 Download
File Size   1977.22 Kbytes
Page   15 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH Cable-Pull Safety Switches

1CPSA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1CPSA1 Datasheet PDF - Honeywell Solid State Electronics Center

Part # 1CPSA1
Download  1CPSA1 Click to download

File Size   1977.22 Kbytes
Page   15 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH Cable-Pull Safety Switches

1CPSA1 Datasheet (HTML) - Honeywell Solid State Electronics Center


1CPSA1 Product details

DESCRIPTION
Honeywell’s MICRO SWITCH CPS Series Cable-Pull Safety Switches provide a readily accessible emergency stop signal, a cost-effective means compared to using multiple emergency stop push-buttons. The CPS Series Cable Pull Safety Switch’s internal mechanism latches on both slackened cable (push) and pulled cable.
The 1CPS is intended for use in applications where the cable span is 76 m [250 ft] or shorter. It is an economical solution for shorter runs or zone protection typical to automated systems. The 2CPS Series is intended for use in very long cable runs of 152 m [500 ft] or shorter, such as long conveyor lines found in warehouses.
line in the midpoint of the cable tension window indicates proper cable tension, providing easy set-up. The direct opening switch contacts are held closed when the actuating cable is under proper tension and the reset knob is set to the RUN position. When the actuating cable is pulled, slackened, or broken, a cam positively opens the NC (Normally Closed) switch contacts. The snap-action operation causes the switch contacts to change state and mechanically latch almost simultaneously when the cable is pulled, slackened, or broken. The NC switch contacts remain open until the CPS is reset by properly tensioning the cable and manually rotating the reset knob.
When the direct opening switch contacts open, the auxiliary contacts also actuate (open contacts close). The auxiliary contacts are electrically isolated from the direct-opening switch contacts. These NO (Normally Open) contacts may be used for monitoring or signaling.
FEATURES
• Direct opening action of NC (Normally Closed) contacts
• 2CPS: 2NO/2NC, 1NO/3NC, or 4NC contact configurations
• 1CPS: 1NO/1NC, 2NO/2NC, 1NO/3NC, or 4NC contact configurations
• Typical cable span of 76 m [250 ft] in an environment with a temperature change of ±17 °C [±30 °F]. Longer spans are possible depending upon temperature change and installation
• Choice of three actuator configurations (2CPS)
• Removable contact block version available (2CPS)
• J-hook turnbuckle included (2CPS)
• Large wiring cavity with straight-through wiring
• Models avaliable without broken cable, slack-cable detection
• 24 Vdc or 120 Vac bright, multi-cluster high-intensity LED status indicator light available on 2CPS. Single LED on 1CPS
• Gold-plated contacts are standard on 2CPS, available on 1CPS
• Electrostatic, epoxy-coated, die-cast zinc housing
• Optional hardware packets available
POTENTIAL INDUSTRIAL APPLICATIONS
• Long conveyor systems found in warehouses and distribution centers
• Conveyor systems with a high amount of vibration
• Conveyor systems that experience wide temperature swings
• Long conveyor systems where easy-through wiring, or highly visible trip status, is required
• Perimeter guarding in hose-down conditions
• Packaging equipment
• Assembly lines




Similar Part No. - 1CPSA1

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
1CPSA1 HONEYWELL-1CPSA1 Datasheet
716Kb / 10P
Cable Pull Safety Switch
April 2003
More results


Similar Description - 1CPSA1

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
LRTS ALLEN-BRADLEY-LRTS Datasheet
85Kb / 2P
Cable (Rope) Pull Switches
440E-L13133 ALLEN-BRADLEY-440E-L13133 Datasheet
176Kb / 6P
Cable (Rope) Pull Switches
440E-D13120 ALLEN-BRADLEY-440E-D13120 Datasheet
136Kb / 4P
Cable (Rope) Pull Switches
logo
Honeywell Solid State E...
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
MICRO SWITCH??Basic Switches Line Guide
logo
Honeywell Accelerometer...
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
MICRO SWITCH Premium Miniature Basic Switches
GKE HONEYWELL-GKE Datasheet
792Kb / 6P
MICRO SWITCH Key Actuated Safety Switches
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
MICRO SWITCH??Sealed Subminiature Basic Switches
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
05/19
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
MICRO SWITCH Standard Miniature Basic Switches
06/20
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com