Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

008360 Datasheet (PDF) - Honeywell Solid State Electronics Center

008360 Datasheet PDF - Honeywell Solid State Electronics Center
Part # 008360
Download  008360 Download
File Size   269.04 Kbytes
Page   4 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description 13V: SEMI F20 compatible Stainless steel, media isolated sensors

008360 Datasheet (PDF)

Go To PDF Page Download Datasheet
008360 Datasheet PDF - Honeywell Solid State Electronics Center

Part # 008360
Download  008360 Click to download

File Size   269.04 Kbytes
Page   4 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description 13V: SEMI F20 compatible Stainless steel, media isolated sensors

008360 Datasheet (HTML) - Honeywell Solid State Electronics Center


008360 Product details

DESCRIPTION
Honeywell 13V Series stainless steel
pressure sensors are designed for Ultra
High Purity (UHP) applications that
involve measurement of gases and
liquid flow in harsh environments.
The rugged, media isolated package
pressure sensor uses the Honeywell
proven piezoresistive semiconductor
sensor chip in an oil-isolated housing.
APPLICATIONS
• Semiconductor equipment
• Integrated Gas Systems (IGS)
• Process control gas
• Mass flow controller
• Liquid flow monitoring
• Solar panels
• Displays/Instrumentation
• Medical equipment
This design has proven to be highly
reliable, stable and accurate. Designed
with a SEMI F20 compatible ring
and diaphragm, this sensor exhibits
exceptional corrosion resistance and
specifically designed to withstand
the aggressive nature of halogenated
gases commonly encountered in
semiconductor manufacturing
processes. Its robust construction
ensures protection against
environmental factors while maintaining
accurate pressure measurements.
The 13V pressure sensor designed
to minimize the offset drift under
prolonged vacuum conditions, making
it an ideal choice for critical industrial
applications where measurement
accuracy and material integrity are
crucial. These sensors feature a weldring
collar and special back support
ring for high cycle life capability as
they are designed for further package
integration in OEM (Original Equipment
Manufacturer) applications.
FEATURES1
• 500 psia1
• SEMI F20 compatible
• Rugged, isolated stainless steel
package




Similar Part No. - 008360

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
00830 WIHA-00830 Datasheet
58Kb / 1P
Screwdriver SoftFinish electric
00831 WIHA-00831 Datasheet
58Kb / 1P
Screwdriver SoftFinish electric
00832 WIHA-00832 Datasheet
58Kb / 1P
Screwdriver SoftFinish electric
00833 WIHA-00833 Datasheet
81Kb / 1P
Screwdriver set SoftFinish electric
00833 WIHA-00833 Datasheet
979Kb / 5P
Screwdriver and bit set slimVario screwdriver
More results


Similar Description - 008360

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
19CXXXPA1K HONEYWELL-19CXXXPA1K Datasheet
1Mb / 8P
Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
Stainless steel pressure sensors
logo
Honeywell Solid State E...
13C0500PA1K HONEYWELL-13C0500PA1K Datasheet
879Kb / 8P
Low-cost, Stainless Steel, Isolated Sensors
logo
Honeywell Accelerometer...
13C0500PS1L HONEYWELL-ACC-13C0500PS1L Datasheet
873Kb / 8P
Low-cost, Stainless Steel, Isolated Sensors
logo
Honeywell Solid State E...
13C5000PS4K HONEYWELL-13C5000PS4K Datasheet
873Kb / 8P
Pressure Sensors Low-cost, Stainless Steel, Isolated Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
13C5000PS5K HONEYWELL-13C5000PS5K Datasheet
873Kb / 8P
Low-cost, Stainless Steel, Isolated Sensors
19C015PA7K HONEYWELL-19C015PA7K Datasheet
630Kb / 8P
Low Cost, Stainless Steel,Isolated Pressure Sensors
logo
Honeywell Accelerometer...
19C015PV1L HONEYWELL-ACC-19C015PV1L Datasheet
630Kb / 8P
Low Cost, Stainless Steel, Isolated Pressure Sensors
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
Stainless Steel Pressure Sensors
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com