Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML21CBA3BA Datasheet (PDF) - Honeywell Solid State Electronics Center

AML21CBA3BA Datasheet PDF - Honeywell Solid State Electronics Center
Part # AML21CBA3BA
Download  AML21CBA3BA Download
File Size   206.42 Kbytes
Page   3 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH™ Pushbutton Switches Line Guide

AML21CBA3BA Datasheet (PDF)

Go To PDF Page Download Datasheet
AML21CBA3BA Datasheet PDF - Honeywell Solid State Electronics Center

Part # AML21CBA3BA
Download  AML21CBA3BA Click to download

File Size   206.42 Kbytes
Page   3 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH™ Pushbutton Switches Line Guide

AML21CBA3BA Datasheet (HTML) - Honeywell Solid State Electronics Center


AML21CBA3BA Product details

FEATURES
MICRO SWITCH™
PUSHBUTTON SWITCHES
PB Series.
Features: Compact size • Up to four poles • Sealed versions available • 48 oz max. operating force • Expected 50000 operations of mechanical life
• Hermetically sealed pushbuttons are corrosion resistant per MIL-PRF-8805/23 and meets explosion proof requirements of MIL-PRF-8805/23
Benefits: Switches are available designed as touch feedback, short travel, panel-sealed, hermetically sealed, and miniature sized. Potential applications include manual operations, such as control boards and panels in industrial and test equipment, computer mainframes and peripherals, process control, medical instrumentation, and flight deck controls.
AML Series.
Features: 1-, 2-, or 4-poles • Silver or gold contacts • Full guard bezel option • Momentary or two-level alternate action (push-on, push-off) • Electronic and power-duty control • Snap-in surface mount or sub-panel (hidden bezel) mount with mounting hardware • Lamps can be furnished installed or ordered separately • Lamp circuit independent of switch circuit • Optional diode protection for LEDs • 4.5 Vdc to 24 Vdc LED devices have an internal resistor to maintain current at nominal 20 mA
Benefits: AML offers a choice of five legend sizes, four button heights, full-or-split section display, and illumination by incandescent lamps, LEDs or neons. Accommodates different functions and promotes operator efficiency. All terminations at the same shallow depth (43,1 mm [1.7 in]) for convenient wiring or PC board termination. Potential applications include manual operations, such as control boards and panels in industrial and test equipment, computer mainframes and peripherals, process control, and medical instrumentation.
MML Series.
Features: 1- or 2-poles • Silver or gold contacts • Printed wiring board (PWB) or panel-mounted switches • Momentary or two-level alternate action (push-on, push-off) • Electronic, and power-duty control • Snap-in surface mount or sub-panel (hidden bezel) mount with mounting hardware • Multi-unit strip mounting available • Single-level termination • Tactile feedback • Coordinated appearance enhances panel harmony • Illumination by long-life LEDs and incandescent lamps
Benefits: Complements AML pushbuttons and indicators with flexibility and design freedom for miniature manual. Breadth of line offers complete selection of pushbuttons and indicators to accommodate different functions and promote operator efficiency. Potential applications include manual operations, such as control boards and panels in industrial and test equipment, computer mainframes and peripherals, process control, and medical instrumentation.




Similar Part No. - AML21CBA3BA

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
AML21CBA3BA-001 HONEYWELL-ACC-AML21CBA3BA-001 Datasheet
704Kb / 9P
Interactive Catalog Supplements Catalog PDFs
More results


Similar Description - AML21CBA3BA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
Tyco Electronics
1-1825027-2 MACOM-1-1825027-2 Datasheet
298Kb / 1P
MICRO-MINIATURE PUSHBUTTON SWITCH
logo
Honeywell Solid State E...
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
MICRO SWITCH??Basic Switches Line Guide
logo
Tyco Electronics
29691 MACOM-29691 Datasheet
311Kb / 1P
MICRO MINIATURE PUSHBUTTON SWITCH
FSMRA4JH04 MACOM-FSMRA4JH04 Datasheet
307Kb / 1P
MICRO-MINIATURE PUSHBUTTON SWITCH
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Honeywell Accelerometer...
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
MICRO SWITCH Basic Switches Line Guide
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
Honeywell Solid State E...
A0001414394-1 HONEYWELL-A0001414394-1 Datasheet
2Mb / 10P
MICRO SWITCH™ Hermetic Sealed Basic Switches
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com