Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1LS2-L Datasheet (PDF) - Honeywell Solid State Electronics Center

1LS2-L Datasheet PDF - Honeywell Solid State Electronics Center
Part # 1LS2-L
Download  1LS2-L Download
File Size   4785.09 Kbytes
Page   31 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description General Purpose Limit Switches

1LS2-L Datasheet (PDF)

Go To PDF Page Download Datasheet
1LS2-L Datasheet PDF - Honeywell Solid State Electronics Center

Part # 1LS2-L
Download  1LS2-L Click to download

File Size   4785.09 Kbytes
Page   31 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description General Purpose Limit Switches

1LS2-L Datasheet (HTML) - Honeywell Solid State Electronics Center


1LS2-L Product details

Features
and Benefits
ENHANCED PERFORMANCE COMPACT DESIGN
Along with industry standard mounting dimensions, the LS Series compact design
allows installation in applications under space constraint while still providing reliable
switching performance
TWO CIRCUIT DOUBLE BREAK CONTACTS
With an AC15, A300 or 10 A electrical rating, the LS Series provides dependable
and consistent switching, giving the end users control of two circuits in one switch
ACTUATORS FOR YOUR APPLICATION
With many actuators available such as side rotary, plunger, wobble stick and roller
plunger, the LS Series is adaptable and has the ability to be applied in a variety of
applications
SEALED CONSTRUCTION
In demanding environmental conditions, IP67 or NEMA 1, 3, 4, 6, and 13 sealing
protects against oil, dust and water making the LS Series a dependable solution in
a variety of conditions for both indoor and outdoor applications
MACHINE TOOL EQUIPMENT
Part presence, machine slide/table position, panel and door presence
MATERIAL HANDLING
Sensing in overhead doors, door interlock, dock locks, conveyance, storage
retrieval, carousels, conveyors, and assembly lines
VALVE ACTUATION
Position sensing of electric valves for waste water treatment plants, power plants,
refineries, and pipelines
FOOD AND BEVERAGE
Sensing during bottling, canning, and packaging
SPECIAL MACHINERY
Assembly, packaging and testing applications
Potential Applications




Similar Part No. - 1LS2-L

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
1LS1-J HONEYWELL-1LS1-J Datasheet
53Kb / 1P
SWITCH-ENCLOSED
logo
Littelfuse
1LS101 LITTELFUSE-1LS101 Datasheet
497Kb / 3P
Semiconductor Fuse Blocks
1LS102 LITTELFUSE-1LS102 Datasheet
497Kb / 3P
Semiconductor Fuse Blocks
1LS103 LITTELFUSE-1LS103 Datasheet
497Kb / 3P
Semiconductor Fuse Blocks
1LS104 LITTELFUSE-1LS104 Datasheet
497Kb / 3P
Semiconductor Fuse Blocks
More results


Similar Description - 1LS2-L

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
Safety Limit Switches
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
Safety Limit Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
Current-Limit Switches
logo
Omron Electronics LLC
D4A-XN OMRON-D4A-XN Datasheet
952Kb / 24P
General-purpose Limit Switch
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
LIMIT Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
NEMA Limit Switches
Feb 12, 2023
9007C68T10Y128 SCHNEIDER-9007C68T10Y128 Datasheet
147Kb / 3P
NEMA Limit Switches
Feb 12, 2023
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com