Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2MT1-8 Datasheet (PDF) - Honeywell Solid State Electronics Center

2MT1-8 Datasheet PDF - Honeywell Solid State Electronics Center
Part # 2MT1-8
Download  2MT1-8 Download
File Size   311.15 Kbytes
Page   5 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH Miniature Toggle Switches

2MT1-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
2MT1-8 Datasheet PDF - Honeywell Solid State Electronics Center

Part # 2MT1-8
Download  2MT1-8 Click to download

File Size   311.15 Kbytes
Page   5 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH Miniature Toggle Switches

2MT1-8 Datasheet (HTML) - Honeywell Solid State Electronics Center


2MT1-8 Product details

DESCRIPTION
Honeywell MICRO SWITCH MT Series miniature toggle switches are designed to meet the need for a rugged, cost-effective toggle switch. Quality construction features include a seal between the toggle lever and bushing, and between the cover and case. These switches are designed for use in applications in many demanding outdoor environments, where the panels are subjected to such things as vibration from equipment, temperature extremes, dust, splashing water, and/or hose directed water.
They are capable of withstanding exposure to heavy accumulations of early morning dew that may condense on the control panel in cabs of vehicles left outdoors overnight. The MT toggle switches with metal or plastic levers are well suited for gloved-hand operation.
The panel stand-off with O-ring feature available on some listings eliminates the need for behind-the-panel hardware, provides a uniform panel height, and a panel-to-cover seal.
FEATURES
• Miniature behind-panel size (case) enables overall control box or panel use
• IEC 60529-2001, IP67, IP68 (except terminal parts) sealing for harsh-duty applications
• Up to 60,000 electrical life that enhances the use time
• Available with 8 circuitry options
• 2- or 3- position maintained and momentary action to meet circuit and actuator requirements
• UL recognized, CE certified for global use
POTENTIAL APPLICATIONS
Remote control box of
• Concrete pumping
• Cranes
• Material handling
• Boom trucks
• Any application with small panel constraints




Similar Part No. - 2MT1-8

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
2MT3000-W03300 MULTICOMP-2MT3000-W03300 Datasheet
201Kb / 2P
M12 Series Rear Mount Female Connector
22/02/24
2MT3000-W04300 MULTICOMP-2MT3000-W04300 Datasheet
201Kb / 2P
M12 Series Rear Mount Female Connector
22/02/24
2MT3000-W05300 MULTICOMP-2MT3000-W05300 Datasheet
201Kb / 2P
M12 Series Rear Mount Female Connector
22/02/24
logo
Adam Technologies, Inc.
2MTE-C-R ADAM-TECH-2MTE-C-R Datasheet
88Kb / 1P
CRIMP CONTACT
2MTF-XX ADAM-TECH-2MTF-XX Datasheet
80Kb / 1P
CRIMP CONTACT HOUSING
More results


Similar Description - 2MT1-8

ManufacturerPart #DatasheetDescription
logo
C&K Components
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
TOGGLE SWITCHES - MINIATURE
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
Miniature Toggle Switches
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
C&K Components
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
Miniature Toggle Switches
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
Miniature Toggle Switches
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
Miniature Toggle Switches
15 Jan 21
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com