Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19PA8 Datasheet (PDF) - Honeywell Solid State Electronics Center

19PA8 Datasheet PDF - Honeywell Solid State Electronics Center
Part # 19PA8
Download  19PA8 Download
File Size   759.92 Kbytes
Page   13 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH™ Environmentally Sealed Limit Switches

19PA8 Datasheet (PDF)

Go To PDF Page Download Datasheet
19PA8 Datasheet PDF - Honeywell Solid State Electronics Center

Part # 19PA8
Download  19PA8 Click to download

File Size   759.92 Kbytes
Page   13 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH™ Environmentally Sealed Limit Switches

19PA8 Datasheet (HTML) - Honeywell Solid State Electronics Center


19PA8 Product details

DESCRIPTION
The Honeywell MICRO SWITCH™ Series of EN limit switches
are bushing mount designed, manufactured, and qualified to
MIL-PRF-8805 standards. These products provide a durable
switch for commercial and military aircraft as well as commercial
and military ground-based equipment. Other applications
include off-road equipment where severe environments are
encountered.
The EN Series of switches have proven to deliver consistent and
reliable operation in harsh environments on critical applications
POTENTIAL APPLICATIONS
• Landing gear systems for commercial and military aircraft
including helicopters
- WOW switch (Weight-on-Wheels) for landing gear
- Up-lock and down-lock sensing
- Landing gear bay doors closed/locked
• External doors and hatches for commercial and military
aircraft including helicopters
- Closed and locked indication for passenger entry/exit doors,
cargo bay doors, and/or other doors or hatches (refueling
door, APU air inlet door)
• Military ground vehicles
- Doors or hatches closed/locked or open
• Off-road construction equipment
- Doors or panels present/closed/open
- Up-stop or down-stop limits
for more than 65 years.
FEATURES
• Circuitry options from 1PST (one-pole single throw) circuit to
6PDT (six-pole double throw) circuits for position indication of
different independent circuits or providing redundant circuit
capabilities
• Rugged stainless steel housing and bushing
• All-metal drive train for consistent operating characteristics at
high or low temperatures
• Most EN catalog listings are MIL-PRF-8805 compliant for
stringent military and non-military applications
• MIL-PRF-8805 symbol 4 (resilient) sealing to keep dust, water,
and ice from entering the switch enclosure
• Gold-bifurcated, gold-plated, or silver-alloy switch contacts
for reliably controlling electrical loads from less than 0.5 A [low
energy/logic level] up to 15 A (power duty)
• Wide temperature range from -54 °C to 125 °C [-65 °F to
257 °F] for sea level or high altitude military or commercial
applications
• Assortment of switch actuators and electrical terminations
• Miniature package size [400EN Series and 600EN Series]
reduces housing diameter by 30 % for smaller space required
on equipment




Similar Part No. - 19PA8

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
19PA115-EN HONEYWELL-19PA115-EN Datasheet
425Kb / 11P
Position Sensors Environment-Sealed Limit Switches
19PA123-EN HONEYWELL-19PA123-EN Datasheet
425Kb / 11P
Position Sensors Environment-Sealed Limit Switches
19PA124-EN HONEYWELL-19PA124-EN Datasheet
425Kb / 11P
Position Sensors Environment-Sealed Limit Switches
logo
Honeywell Accelerometer...
19PA168-NT HONEYWELL-ACC-19PA168-NT Datasheet
515Kb / 9P
Sealed Toggle Switches
19PA169-NT HONEYWELL-ACC-19PA169-NT Datasheet
515Kb / 9P
Sealed Toggle Switches
More results


Similar Description - 19PA8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
HIGH CAPACITY ENVIRONMENTALLY SEALED
logo
Nihon Kaiheiki Industry...
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
Environmentally Sealed Pushbuttons
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
Environmentally Sealed Toggles
logo
List of Unclassifed Man...
MAH6A ETC2-MAH6A Datasheet
286Kb / 5P
MA SERIES - MICRO-LIMIT SWITCHES
WB15L ETC2-WB15L Datasheet
353Kb / 5P
Environmentally Sealed Pushbuttons
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
MICRO SWITCH??Sealed Subminiature Basic Switches
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
05/19
914CE HONEYWELL-914CE Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
A0001414394-1 HONEYWELL-A0001414394-1 Datasheet
2Mb / 10P
MICRO SWITCH™ Hermetic Sealed Basic Switches
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com