Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56462 Datasheet (PDF) - Honeywell Solid State Electronics Center

56462 Datasheet PDF - Honeywell Solid State Electronics Center
Part # 56462
Download  56462 Download
File Size   286.78 Kbytes
Page   2 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Masterseal™ Photo-electric Switch

56462 Datasheet (PDF)

Go To PDF Page Download Datasheet
56462 Datasheet PDF - Honeywell Solid State Electronics Center

Part # 56462
Download  56462 Click to download

File Size   286.78 Kbytes
Page   2 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Masterseal™ Photo-electric Switch

56462 Datasheet (HTML) - Honeywell Solid State Electronics Center


56462 Product details

Description
The Masterseal photo-electric switch is
designed for the automatic control of lighting
in car parks, loading bays, external stairways
and walkways, porches, patios, driveways etc.
The unit is surface mounted and has knockouts
on 4 sides.
Mode of operation
Photo-electric switches automatically turn
lighting ON at dusk when the ambient light
falls below a pre-set threshold level, and turn
it OFF again at dawn when the ambient light
rises above this threshold level.
The unit will switch ON when the light level
falls below approximately 25 lux and remains
ON until the light level rises again above
approximately 40 lux. These switching levels
are NOT adjustable.

Features
Automatic ON/OFF (dusk/dawn)
operation
Optional adjustable time setting
Splashproof and dustproof
Suitable for lighting loads of up to 1KW
Suitable for indoor or outdoor use

Additional features
List No. 56748 includes an adjustable time
setting (1 to 15 hours nominal) when
operation is required outside the dusk/dawn
threshold. The unit will then automatically
switch to OFF at the pre-set time, or at dawn,
whichever is sooner.
The time setting control is adjusted with the
use of a 4mm screwdriver.




Similar Part No. - 56462

ManufacturerPart #DatasheetDescription
logo
Kitronik Ltd
5646 KITRONIK-5646 Datasheet
357Kb / 2P
ACCESS:bit for the BBC micro:bit
logo
Tyco Electronics
5646956 MACOM-5646956 Datasheet
124Kb / 1P
ASSEMBLY, RIGHT ANGLE HEADER, W/ RETENTION PEGS, UNIBERSAL POWER MODULE
5646956-1 MACOM-5646956-1 Datasheet
124Kb / 1P
ASSEMBLY, RIGHT ANGLE HEADER, W/ RETENTION PEGS, UNIBERSAL POWER MODULE
5646956-2 MACOM-5646956-2 Datasheet
124Kb / 1P
ASSEMBLY, RIGHT ANGLE HEADER, W/ RETENTION PEGS, UNIBERSAL POWER MODULE
5646956-3 MACOM-5646956-3 Datasheet
124Kb / 1P
ASSEMBLY, RIGHT ANGLE HEADER, W/ RETENTION PEGS, UNIBERSAL POWER MODULE
More results


Similar Description - 56462

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS816 TOSHIBA-TPS816 Datasheet
145Kb / 6P
LEAD FREE PRODUCT PHOTO-ELECTRIC SWITCHES
27-Jan-2004
logo
Hamamatsu Corporation
S6841 HAMAMATSU-S6841 Datasheet
320Kb / 4P
Photo IC for optical switch
logo
NXP Semiconductors
3534 PHILIPS-3534 Datasheet
319Kb / 2P
PHOTO ELECTRIC CELL
logo
IC-Haus GmbH
IC-VP ICHAUS-IC-VP_11 Datasheet
256Kb / 6P
PHOTO SWITCH
logo
Hamamatsu Corporation
S11049 HAMAMATSU-S11049_15 Datasheet
473Kb / 6P
Photo IC for optical switch
logo
RHOPOINT COMPONENTS
OT150D RHOPOINT-OT150D Datasheet
113Kb / 1P
Photo IC Switch Sensor
logo
FOTEK CONTROLS CO., LTD...
K2R-10NE FOTEK-K2R-10NE Datasheet
520Kb / 2P
Compact standard Photo-electric sensor
logo
Schneider Electric
XUVR0608NBNM8 SCHNEIDER-XUVR0608NBNM8 Datasheet
111Kb / 4P
photo-electric sensor - XUV - fork - 80X60mm - 12..24VDC - M8
Dec 7, 2020
XUB4BPANM12 SCHNEIDER-XUB4BPANM12 Datasheet
98Kb / 5P
photo-electric sensor - XUB - diffuse - Sn 0.1m - 12..24VDC - M12
Aug 10, 2019
XUM5APCNM8 SCHNEIDER-XUM5APCNM8 Datasheet
120Kb / 6P
photo-electric sensor - XUM - diffuse - Sn 1m - 12..24VDC - M8
Aug 11, 2019
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com