Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

646 Datasheet (PDF) - Honeywell Solid State Electronics Center

646 Datasheet PDF - Honeywell Solid State Electronics Center
Part # 646
Download  646 Download
File Size   178.88 Kbytes
Page   2 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Plugs and Adaptors

646 Datasheet (PDF)

Go To PDF Page Download Datasheet
646 Datasheet PDF - Honeywell Solid State Electronics Center

Part # 646
Download  646 Click to download

File Size   178.88 Kbytes
Page   2 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Plugs and Adaptors

646 Datasheet (HTML) - Honeywell Solid State Electronics Center


646 Product details

Description
13 amp plugs
All MK standard 13 amp plugs can be used on
ring and radial circuits and are available with
13 amp fuses or 3 amp fuses.
Duraplug standard 13 amp plugs are supplied
with 13 amp fuses; however, alternative fuse
ratings are available to special order.
Round pin plugs
Available unfused at 2, 5 and 15 amp. They
can also be supplied fused, the 15 amp fitted
with a 5 amp fuse. The British Standard does
not allow the 15 amp plug to be fused higher
than 5 amp. The 15 amp plug is normally
used on a radial system which is protected by
a 20 amp protective device.
Non standard safety plug
Not third party approved as the earth pin is ‘T’
shaped, although the pin configuration conforms
conforms
to BS 1363 pin centres. This plug is
designed specifically for use with MK non
standard sockets, e.g. K1257 WHI – Logic Plus
1 gang 13 amp switched, non standard
socket outlet.
Adaptors
Both the 13 amp two way adaptor and the
shaver adaptor are designed to BS1363: Part
3: 1995. The two way adaptor is unfused and
has two shuttered 13 amp socket outlets. The
unique feature of the shaver adaptor is the
raised wall on the socket face which restricts
the size of plug which can be inserted to the
typical shaver plug.




Similar Part No. - 646

ManufacturerPart #DatasheetDescription
logo
Littelfuse
646 LITTELFUSE-646 Datasheet
113Kb / 1P
MINIATURE FUSEHOLDERS
logo
Mallory performance clu...
646 MALLORY-646 Datasheet
198Kb / 8P
WINDOW RPM ACTIVATED SWITCH
logo
Advanced Energy Industr...
646 ADVANCEDENERGY-646 Datasheet
131Kb / 4P
TREK 646
logo
Littelfuse
646 LITTELFUSE-646 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Walther-Werke
646 WALTHER-646 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results


Similar Description - 646

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD-A-88K ETC-GD-A-88K Datasheet
138Kb / 1P
MODULAR JACKS AND PLUGS
logo
Superworld Electronics
WH030100 SUPERWORLD-WH030100 Datasheet
140Kb / 3P
Linear Adaptors
WS030050 SUPERWORLD-WS030050 Datasheet
66Kb / 2P
Linear Adaptors
WW030500 SUPERWORLD-WW030500 Datasheet
161Kb / 4P
Linear Adaptors
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
PLUGS AND CABLES
logo
Switchcraft, Inc.
RAPC752 SWITCH-RAPC752 Datasheet
352Kb / 1P
JACKS AND PLUGS
491 SWITCH-491 Datasheet
28Kb / 1P
LED INDICATORS, DUMMY PLUGS AND HOLE PLUGS
logo
Assmann Electronics Inc...
IEEE1394 ASSMANN-IEEE1394 Datasheet
108Kb / 1P
USB Adaptors, IEEE 1394 Cables and Adaptors
logo
List of Unclassifed Man...
6030 ETC2-6030 Datasheet
373Kb / 1P
PLUGS AND JACKS
65530WHI ETC2-65530WHI Datasheet
142Kb / 2P
Plugs and Adaptors
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com