Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83317 Datasheet (PDF) - Honeywell Solid State Electronics Center

83317 Datasheet PDF - Honeywell Solid State Electronics Center
Part # 83317
Download  83317 Download
File Size   1484.51 Kbytes
Page   12 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description 5000 Series Ultra Duty Pressure Switch

83317 Datasheet (PDF)

Go To PDF Page Download Datasheet
83317 Datasheet PDF - Honeywell Solid State Electronics Center

Part # 83317
Download  83317 Click to download

File Size   1484.51 Kbytes
Page   12 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description 5000 Series Ultra Duty Pressure Switch

83317 Datasheet (HTML) - Honeywell Solid State Electronics Center




Similar Part No. - 83317

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
833171622 ULTI-MATE-833171622 Datasheet
57Kb / 1P
NANO-D SINGLE ROW CONNECTOR MALE, SIZE XX, NMLXX-1P02-30F6-18.0 SO1
03-09-10
logo
List of Unclassifed Man...
83317E ETC2-83317E Datasheet
99Kb / 3P
26 AWG stranded (7x34) silver-plated copper conductors, cabled and color-coded, extruded TFE Teflon
logo
Belden Inc.
83317E BELDEN-83317E Datasheet
152Kb / 2P
Electronic, 2 C #26 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,MIL-W-16878/4 (Type E)
01-20-2023
83317E-009100 BELDEN-83317E-009100 Datasheet
152Kb / 2P
Electronic, 2 C #26 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,MIL-W-16878/4 (Type E)
01-20-2023
83317E-0091000 BELDEN-83317E-0091000 Datasheet
152Kb / 2P
Electronic, 2 C #26 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,MIL-W-16878/4 (Type E)
01-20-2023
More results


Similar Description - 83317

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
GAUD-5000 RALSTON-GAUD-5000 Datasheet
345Kb / 1P
0-5000 psig Digital Pressure Gauge
logo
Extech Instruments Corp...
407495 EXTECH-407495 Datasheet
195Kb / 6P
Heavy Duty Pressure Meter
logo
Honeywell Solid State E...
77052 HONEYWELL-77052 Datasheet
127Kb / 2P
Extended Duty Pressure Switch With Direct Action Blade Contacts
77053 HONEYWELL-77053 Datasheet
127Kb / 2P
Extended Duty Pressure Switch With Direct Action Blade Contacts
79707 HONEYWELL-79707 Datasheet
127Kb / 2P
Extended Duty Pressure Switch With Direct Action Blade Contacts
logo
Copal Electronics
PS8 COPAL-PS8 Datasheet
146Kb / 3P
Pressure Switch
logo
Festo Corporation.
8000210 FESTO-8000210 Datasheet
111Kb / 1P
Pressure switch
152616 FESTO-152616 Datasheet
91Kb / 1P
Pressure switch
7/13/22
159259 FESTO-159259 Datasheet
97Kb / 1P
Pressure switch
7/13/22
192488 FESTO-192488 Datasheet
103Kb / 2P
Pressure switch
7/13/22
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com