Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP5000 Datasheet (PDF) - Honeywell Solid State Electronics Center

FP5000 Datasheet PDF - Honeywell Solid State Electronics Center
Part # FP5000
Download  FP5000 Download
File Size   424.8 Kbytes
Page   7 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Configurable Pressure Transducer

FP5000 Datasheet (PDF)

Go To PDF Page Download Datasheet
FP5000 Datasheet PDF - Honeywell Solid State Electronics Center

Part # FP5000
Download  FP5000 Click to download

File Size   424.8 Kbytes
Page   7 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Configurable Pressure Transducer

FP5000 Datasheet (HTML) - Honeywell Solid State Electronics Center


FP5000 Product details

DESCRIPTION
The Honeywell Model FP5000 Series
a media-isolated piezoresistive silicon
pressure sensor offering multiple
output options (0 V to 5 V,
0 V to 10 V or 4 mA to 20 mA) for
reading pressure over the specified fullscale
pressure span and temperature
range. It is compensated for sensor
offset, sensitivity, temperature effects
and non-linearity to offer improved
thermal stability and accuracy.
Hastelloy® C276 and 316L stainless
steel wetted parts provide durability
with abrasive or corrosive media.

FEATURES
Pressure ranges from 10 in-H2O
0.36 psi] up to 5000 psi
Gage, absolute, vacuum, barometric
and compound pressure types
Higher accuracy to 0.1 %FSS BFSL
Multiple output types: 0 Vdc to 5 Vdc,
Vdc to 10 Vdc, 4 mA to 20 mA
Multiple electrical and pressure
connection options
Zero adjustment through
potentiometer
Operating temperature ranges from
40°C to 125°C [-40°F to 250°F]
Multiple compensation temperature
ranges
Faster response and higher resolution
Fully analog reduced-noise signal
path provides continuous output
resolution
Stainless steel construction
Ha C276 and 316L stainless steel
wetted parts offer more enhanced
durability with abrasive or corrosive
media
CE approved
Intrinsically Safe: cFMus, ATEX,
IEC Ex certified 2AR option (4 mA to
20 mA)

APPLICATIONS
Test stands (Automotive, Aerospace,
Industrial, and Medical)
R&D test labs
Hydraulic and pneumatic system
monitoring
Leak detection
Manufacturing mold pressure control
Pump and compressor control
Liquid level measurement
Oil & gas process control




Similar Part No. - FP5000

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP5001 FEELING-FP5001 Datasheet
327Kb / 14P
PWM Controller With SCP / DTC Function
FP5001DR-LF FEELING-FP5001DR-LF Datasheet
327Kb / 14P
PWM Controller With SCP / DTC Function
FP5003 FEELING-FP5003 Datasheet
532Kb / 19P
High Frequency PWM Controller With Short Circuit Restart
FP5003DR-LF FEELING-FP5003DR-LF Datasheet
532Kb / 19P
High Frequency PWM Controller With Short Circuit Restart
FP5003TR-LF FEELING-FP5003TR-LF Datasheet
532Kb / 19P
High Frequency PWM Controller With Short Circuit Restart
More results


Similar Description - FP5000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8534A ETC2-8534A Datasheet
85Kb / 2P
Piezoresistive Pressure Transducer
logo
Honeywell Solid State E...
142PC05D97 HONEYWELL-142PC05D97 Datasheet
60Kb / 1P
PRESSURE TRANSDUCER
ML01KPS2PG HONEYWELL-ML01KPS2PG Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
logo
Copal Electronics
PA-960 COPAL-PA-960 Datasheet
188Kb / 4P
PRESSURE TRANSDUCER
logo
TE Connectivity Ltd
MSP340 TEC-MSP340 Datasheet
194Kb / 6P
Pressure Transducer
U5200 TEC-U5200 Datasheet
172Kb / 8P
Industrial Pressure Transducer
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200_V02 Datasheet
392Kb / 10P
Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
Pressure Transducer
2/7/18
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com