Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84829-08 Datasheet (PDF) - Honeywell Solid State Electronics Center

84829-08 Datasheet PDF - Honeywell Solid State Electronics Center
Part # 84829-08
Download  84829-08 Download
File Size   2644.84 Kbytes
Page   15 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Key and Ignition Switches

84829-08 Datasheet (PDF)

Go To PDF Page Download Datasheet
84829-08 Datasheet PDF - Honeywell Solid State Electronics Center

Part # 84829-08
Download  84829-08 Click to download

File Size   2644.84 Kbytes
Page   15 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Key and Ignition Switches

84829-08 Datasheet (HTML) - Honeywell Solid State Electronics Center


84829-08 Product details

Features
and Benefits
ENVIRONMENTAL PROTECTION
Honeywell key and ignition switches are designed and tested to withstand a wide
range of environmental conditions and contaminants: temperature cycling,
chemical splashes, pressure wash, vibration, dust, humidity, and salt. O-rings
protect the contact chamber from moisture and dust while weep holes in the key
cylinder housing facilitate drainage.
IMPROVED DURABILITY
Stainless steel keyhole shroud and keyhole dust shutter add durability and
Honeywell key and ignition switches can be used in a variety of transportation
and industrial applications ranging from run/start ignition to single-point control for
lights and accessories.
• All-terrain vehicles
• Snowmobiles
• Golf carts
• Aerial/scissor/boom lifts
• Telehandlers
• Construction equipment
• Skid loaders
• Forklifts
• Agricultural equipment
• Tractors
• Material handlers
• Marine equipment
• Generators
Potential Applications
corrosion resistance to the key tumbler/cylinder assembly. The key cover
(key boot) protects key cylinder from dust and ingress.

ROBUST CONSTRUCTION
Polypropylene plastic housing (rear) improves durability and supports equipment
weight reduction.
WIDE RANGE OF CONFIGURATIONS
Two-, three-, or four-position switches, maintained and momentary (recoil) key
positions, and numerous circuitry configurations allow for customization of
equipment operation and control. UL certification options available, as well.
To maintain consistent branding, Honeywell also offers over molded keys with
custom logos.
MULTIPLE KEY OPTIONS
Double-sided keys allow for easy key insertion and switches can be designed to
allow for key removal in various key positions. Up to 300 unique key codes
are available to provide increased security and compatibility with existing keys.
CONNECTOR CHOICES
Integral connector (Metri-Pack, Sumitomo): Two-, three-, or four-position switches.
Screw terminal: Two- or three-position switches.
FASTER ASSEMBLY
Integral connectors facilitate quick assembly and minimize the potential for
wiring errors.
Form factor! Easily customized for specific applications




Similar Part No. - 84829-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8482 ETC-8482 Datasheet
151Kb / 1P
Input/Output Modules
logo
Filtran LTD
8482 FILTRAN-8482 Datasheet
154Kb / 1P
ISDN S-Bus Input/Output Modules
logo
List of Unclassifed Man...
8482 ETC2-8482 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
logo
Heyco.
8482 HEYCO-8482 Datasheet
136Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
logo
Keystone Electronics Co...
8482 KEYSTONE-8482 Datasheet
313Kb / 1P
HOLE PLUGS & BUSHINGS
31-07 20th
More results


Similar Description - 84829-08

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDAG04 ITT-MDAG04 Datasheet
43Kb / 2P
MD and MDP Key Switches
K6B1.53N ITT-K6B1.53N Datasheet
197Kb / 3P
Miniature Key Switches
logo
Tyco Electronics
2SWK MACOM-2SWK Datasheet
295Kb / 4P
Key Switches, Medium Security
logo
C&K Components
K6BGN1.53NL306 CK-COMPONENTS-K6BGN1.53NL306 Datasheet
188Kb / 3P
Miniature Key Switches
D6F90F1LFS CK-COMPONENTS-D6F90F1LFS Datasheet
190Kb / 4P
SPST Momentary Key Switches
D6C90F1FS CK-COMPONENTS-D6C90F1FS Datasheet
190Kb / 4P
SPST Momentary Key Switches
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
Key Switches
logo
C&K Components
PB-22D01-L CK-COMPONENTS-PB-22D01-L Datasheet
319Kb / 8P
Single Pole and Multi-Key Pushbutton Switches
logo
Littelfuse
M-489 LITTELFUSE-M-489 Datasheet
441Kb / 1P
MARINE IGNITION SWITCHES
2019 Rev: 021119
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com