Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1A-M1 Datasheet (PDF) - Multicomp Pro

GS1A-M1 Datasheet PDF - Multicomp Pro
Part # GS1A-M1
Download  GS1A-M1 Download
File Size   771.49 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Standard Recovery Rectifier Diodes

GS1A-M1 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1A-M1 Datasheet PDF - Multicomp Pro

Part # GS1A-M1
Download  GS1A-M1 Click to download

File Size   771.49 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Standard Recovery Rectifier Diodes

GS1A-M1 Datasheet (HTML) - Multicomp Pro


GS1A-M1 Product details

[Features]
• The plastic package carries Underwriters Laboratory Flammability Classification 94V-0
• For surface mounted applications
• Low reverse leakage
• Built-in strain relief, ideal for automated placement
• High forward surge current capability
• High temperature soldering guaranteed: 260°C/10 seconds at terminals
• Glass passivated chip junction
• This product is available in AEC-Q101 Qualified and PPAP Capable also.
For AEC-Q101 qualified products, please use suffix -AQ in the part number while ordering
Absolute Maximum Ratings (Ta = 25°C Unless otherwise specified)
GS1A/ GS1B/ GS1D/ GS1G/ GS1J/ GS1K/ GS1M/
Parameter Symbol Units
M1 M2 M3 M4 M5 M6 M7
Marking Code M1 M2 M3 M4 M5 M6 M7 -
Max. repetitive peak reverse voltage Vrrm 50 100 200 400 600 800 1000
Max. RMS voltage Vrms 35 70 140 280 420 560 700 V
Max. DC blocking voltage Vdc 50 100 200 400 600 800 1000
Max. average forward rectified current at
I(AV) 1 A
Tl=100°C
Peak forward surge current 8.3ms single
Ifsm 30
half sine-wave superimposed on rated load
Max. instantaneous forward voltage Vf 1.1
Max. DC reverse current at Ta=25°C 5
Ir
rated DC blocking voltage Ta=125°C 50
Maximum Reverse Recovery Time 3
Trr 2.5
Tj = 25°C
Typical junction capacitance 1 Cj 15
Typical thermal resistance 2 RθJA 75 °C/W
Operating junction and storage temperature
TJ,Tstg -55 to +150 °C
range




Similar Part No. - GS1A-M1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A-AU PANJIT-GS1A-AU Datasheet
198Kb / 5P
SURFACE MOUNT RECTIFIER
logo
List of Unclassifed Man...
GS1A-GS1M ETC-GS1A-GS1M Datasheet
51Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER VOLTAGE - 50 TO 1000 VOLTS CURRENT - 1.0 AMPERE
logo
Kingtronics Internation...
GS1A-GS1M KINGTRONICS-GS1A-GS1M Datasheet
904Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
SMC Diode Solutions Co....
GS1A-GS1M SMCDIODE-GS1A-GS1M Datasheet
291Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev. C
logo
Micro Commercial Compon...
GS1A-L MCC-GS1A-L Datasheet
246Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Similar Description - GS1A-M1

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY88050 DIOTEC-BY88050_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
P2000A DIOTEC-P2000A_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
P2000ATL DIOTEC-P2000ATL_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
P2500A DIOTEC-P2500A_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
PX1500A DIOTEC-PX1500A_15 Datasheet
140Kb / 2P
Standard Recovery Rectifier Diodes
BYW27-50 DIOTEC-BYW27-50 Datasheet
136Kb / 2P
Standard Recovery Rectifier Diodes
BY251 DIOTEC-BY251_15 Datasheet
94Kb / 2P
Standard Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
BY2000 SUNMATE-BY2000 Datasheet
551Kb / 2P
STANDARD RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
1N4001 DIOTEC-1N4001_17 Datasheet
142Kb / 2P
Standard Recovery Rectifier Diodes
1N4001 DIOTEC-1N4001_1 Datasheet
142Kb / 2P
Standard Recovery Rectifier Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com