Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMF12N65S Datasheet (PDF) - Multicomp Pro

HMF12N65S Datasheet PDF - Multicomp Pro
Part # HMF12N65S
Download  HMF12N65S Download
File Size   280.7 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description N Channel MOSFET Device Schematic

HMF12N65S Datasheet (PDF)

Go To PDF Page Download Datasheet
HMF12N65S Datasheet PDF - Multicomp Pro

Part # HMF12N65S
Download  HMF12N65S Click to download

File Size   280.7 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description N Channel MOSFET Device Schematic

HMF12N65S Datasheet (HTML) - Multicomp Pro


HMF12N65S Product details

[Features]
• RDS(ON) = 0.82Ω @ VGS = 30V
• Ultra Low Gate Charge
• Low Reverse Transfer Capacitance
• Fast Switching Capability
• Avalanche Energy Specified
• Improved dv/dt Capability, High Ruggedness

[Applications]
• High Efficiency Switch Mode Power Supplies
• Electronic Lamp Ballasts Based on Half Bridge
• LED Power Supplies




Similar Part No. - HMF12N65S

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF16M8F8VS HANBIT-HMF16M8F8VS Datasheet
158Kb / 11P
FLASH-ROM MODULE 16MByte (16M x 8-Bit) , SMM 80Pin
HMF16M8F8VS-100 HANBIT-HMF16M8F8VS-100 Datasheet
158Kb / 11P
FLASH-ROM MODULE 16MByte (16M x 8-Bit) , SMM 80Pin
HMF16M8F8VS-120 HANBIT-HMF16M8F8VS-120 Datasheet
158Kb / 11P
FLASH-ROM MODULE 16MByte (16M x 8-Bit) , SMM 80Pin
HMF16M8F8VS-90 HANBIT-HMF16M8F8VS-90 Datasheet
158Kb / 11P
FLASH-ROM MODULE 16MByte (16M x 8-Bit) , SMM 80Pin
HMF1M32F2VA HANBIT-HMF1M32F2VA Datasheet
426Kb / 12P
Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
More results


Similar Description - HMF12N65S

ManufacturerPart #DatasheetDescription
logo
NEC
NE32900 NEC-NE32900 Datasheet
23Kb / 1P
SCHEMATIC
logo
Sanyo Semicon Device
2SK3980 SANYO-2SK3980 Datasheet
43Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
SCH2815 SANYO-SCH2815 Datasheet
56Kb / 6P
MOSFET : N-Channel Silicon MOSFET MOSFET General-Purpose Switching Device
logo
Rhombus Industries Inc.
L-658 RHOMBUS-IND-L-658 Datasheet
18Kb / 1P
schematic
07/02/98
T-759 RHOMBUS-IND-T-759 Datasheet
22Kb / 1P
SCHEMATIC DIAGRAM
5/01/01
logo
PowerVolt Inc.
CT0025-C00 POWERVOLT-CT0025-C00 Datasheet
157Kb / 1P
Schematic
CT0025-F00 POWERVOLT-CT0025-F00 Datasheet
165Kb / 1P
Schematic
logo
Pulse A Technitrol Comp...
E2457NL PULSE-E2457NL Datasheet
69Kb / 2P
SCHEMATIC
E2467NL PULSE-E2467NL Datasheet
72Kb / 2P
SCHEMATIC
ST4202TNL PULSE-ST4202TNL Datasheet
156Kb / 3P
SCHEMATIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com