Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7133S Datasheet (PDF) - Multicomp Pro

HT7133S Datasheet PDF - Multicomp Pro
Part # HT7133S
Download  HT7133S Download
File Size   313.9 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description High Voltage LDO Regulator

HT7133S Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7133S Datasheet PDF - Multicomp Pro

Part # HT7133S
Download  HT7133S Click to download

File Size   313.9 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description High Voltage LDO Regulator

HT7133S Datasheet (HTML) - Multicomp Pro


HT7133S Product details

[Features]
• Low power consumption
• Low voltage drop
• Low temperature coefficient
• High input voltage (up to 24V)
Absolute Maximum Ratings Ta = 25°C
Parameter Symbol Rating
Supply Voltage -0.3 to 28V
Power Consumption Pc 200mW
Junction Temperature TJ 125°C
Operating Temperature Top 0°C to 70°C
Storage Temperature range TSTG -50°C to 125°C
Electrical Characteristic Ta = 25°C
HT7130, +3.0V output type
Test conditons
Parameter Symbol Min Typ Max Unit
VIN Conditions
Output Voltage Tolerance VOUT 5V IOUT=10mA 2.85 3 3.15
V
Input Voltage VIN -- 24
Load Regulation VOUT 5V 1mA≤ IOUT ≤ 20mA 60 100
mV
Voltage Drop VDIF -- IOUT=1mA 100
Output Current IOUT 20 30 mA
5V
Current Consumption ISS No load 4 6 uA
VOUT 4V ≤ VIN ≤ 24V
Line Regulation -- 0.2 %/V
VIN XVOUT IOUT=1mA
VOUT IOUT=10mA
Temperature Coefficient 5V ±0.45 mV/°C
Ta 0°C




Similar Part No. - HT7133S

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7133 HOLTEK-HT7133 Datasheet
94Kb / 8P
High Voltage Regulator
August 8, 2000
logo
SHENZHEN FUMAN ELECTRON...
HT7133 FUMAN-HT7133 Datasheet
992Kb / 4P
30mA Linear Regulator
logo
Multicomp Pro
HT7133 MULTICOMP-HT7133 Datasheet
253Kb / 3P
High Voltage LDO Regulator
29/07/24 V1.0
logo
Holtek Semiconductor In...
HT7133-1 HOLTEK-HT7133-1 Datasheet
148Kb / 14P
30mA Voltage Regulator
April 30, 2013
HT7133-1 HOLTEK-HT7133-1 Datasheet
158Kb / 14P
30mA Low Power LDO
More results


Similar Description - HT7133S

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM6206 GSME-GM6206 Datasheet
309Kb / 3P
LDO Voltage Regulator
logo
Texas Instruments
TPS7A87 TI1-TPS7A87 Datasheet
140Kb / 7P
LDO Voltage Regulator
TPS7A89 TI1-TPS7A89 Datasheet
140Kb / 7P
LDO Voltage Regulator
TPS7A84 TI1-TPS7A84 Datasheet
2Mb / 44P
LDO Voltage Regulator
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
LDO Voltage Regulator
December, 2017 ??Rev. 8
logo
Guangdong Youtai Semico...
7130 UMW-7130 Datasheet
661Kb / 9P
LDO high voltage regulator
HT75 UMW-HT75 Datasheet
1Mb / 10P
LDO high voltage regulator
71XX UMW-71XX Datasheet
2Mb / 9P
LDO high voltage regulator
75XX UMW-75XX Datasheet
3Mb / 9P
LDO high voltage regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com