Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIR053 Datasheet (PDF) - Multicomp Pro

LIR053 Datasheet PDF - Multicomp Pro
Part # LIR053
Download  LIR053 Download
File Size   300.47 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 5mm Round Type Infrared LED

LIR053 Datasheet (PDF)

Go To PDF Page Download Datasheet
LIR053 Datasheet PDF - Multicomp Pro

Part # LIR053
Download  LIR053 Click to download

File Size   300.47 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 5mm Round Type Infrared LED

LIR053 Datasheet (HTML) - Multicomp Pro


LIR053 Product details

[Description]
THE LIR053 is high intensity gallium arsenide infrared emitting diodes encapsulated in blue transparent or water clear plastic
package in T-1 or T-13/4 individually.

[Features]
• Hi-Radiant intensity
• Low-Average degradation
• Dice Material : GaAlAs /GaAs
• Emitted Colour : Invisible
• Lens Colour : Blue Transparent

[Applications]
• Remote Control
• Smoke Detector
• Photo Detector
• Burglar Alarm
• Computer I/O Peripheral
• Automatic Control System
• Industrial Use




Similar Part No. - LIR053

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LIR05AF-25 UTC-LIR05AF-25 Datasheet
128Kb / 3P
LED LAMP
LIR05AF-30 UTC-LIR05AF-30 Datasheet
127Kb / 3P
LED LAMP
LIR05AF-60 UTC-LIR05AF-60 Datasheet
130Kb / 3P
LED LAMP
More results


Similar Description - LIR053

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL333RD EVERLIGHT-EL333RD Datasheet
167Kb / 1P
ROUND TYPE LED LAMPS(5MM)
logo
Lucky Light Electronic
GB-333HD LUCKY-LIGHT-GB-333HD Datasheet
42Kb / 1P
Round Type LED Lamps (5mm)
logo
A-BRIGHT Inc
AL-513UY5C A-BRIGHT-AL-513UY5C_09 Datasheet
238Kb / 5P
5mm Round Type : LED Lamps
2009/2/25
logo
OptoSupply Internationa...
OSI5LA5113A OPTOSUPPLY-OSI5LA5113A Datasheet
102Kb / 1P
5mm Round Infrared LED 5mm Round Standard Directivity Superior Weather-resistance
OSI5LA5113A OPTOSUPPLY-OSI5LA5113A_11 Datasheet
174Kb / 1P
5mm Round Infrared LED
logo
BetLux Electronics
BL-L314IR BETLUX-BL-L314IR Datasheet
229Kb / 4P
3.0mm Round Type Infrared LED
REV NO: V.2
BL-L502 BETLUX-BL-L502 Datasheet
230Kb / 4P
5mm Round Type LED lamp
REV NO: V.2
BL-L512 BETLUX-BL-L512 Datasheet
234Kb / 4P
5mm Round Type LED lamp
REV NO: V.2
BL-L513 BETLUX-BL-L513 Datasheet
234Kb / 4P
5mm Round Type LED lamp
REV NO: V.2
BL-L524 BETLUX-BL-L524 Datasheet
557Kb / 4P
5mm Round-Helmet Type LED Lamp
REV NO: V.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com