Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16SF44 Datasheet (PDF) - STMicroelectronics

ST16SF44 Datasheet PDF - STMicroelectronics
Part # ST16SF44
Download  ST16SF44 Download
File Size   28.15 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smartcard MCU With 4096 Bytes EEPROM

ST16SF44 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST16SF44 Datasheet PDF - STMicroelectronics

Part # ST16SF44
Download  ST16SF44 Click to download

File Size   28.15 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smartcard MCU With 4096 Bytes EEPROM

ST16SF44 Datasheet (HTML) - STMicroelectronics


ST16SF44 Product details

DESCRIPTION
The ST16SF44, a member of the standard ST16 device family, is a serial access microcontroller especially designed for high volume and cost competitive Smartcard applications where firmware security algorithm must be implemented.
The ST16SF44 is based on 8 bit CPU core and includes on chip memories: 384 Bytes of RAM, 16 KBytes of USER ROM, 1.5 KByte of SYSTEM ROM, and 4096 Bytes of EEPROM.

■ 8 BIT ARCHITECTURE CPU
■ 16 KBytes of USER ROM, SECTOR COMBINATIVE
■ 1.5 KByte of SYSTEM ROM
■ 384 Bytes of RAM
■ 4096 Bytes of EEPROM, SECTOR COMBINATIVE
   – Highly reliable CMOS EEPROM technology
   – 10 year data retention
   – 300,000 Erase/Write cycle endurance
   – Protected One Time Programmable block (32 or 64 bytes)
   – 1 to 32 bytes block either Erase or Write in single cycle programming
■ EXTENDED VOLTAGE OPERATION
   – VCC Range: 2.7V to 5.5V
■ SERIAL ACCESS, ISO 7816-3 COMPATIBLE
■ POWER SAVING STANDBY MODE
■ UP TO 5 MHz INTERNAL OPERATING FREQUENCY
■ VERY HIGH SECURITY FEATURES INCLUDING EEPROM FLASH ERASE
■ CONTACT ASSIGNMENT COMPATIBLE ISO 7816-2
■ ESD PROTECTION GREATER THAN 5000V
■ MEETS GSM 11.11 AND 11.12 SPECIFICATIONS
■ 2 OPERATING CONFIGURATIONS
   – ISSUER
   – USER




Similar Part No. - ST16SF44

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16SF41 STMICROELECTRONICS-ST16SF41 Datasheet
28Kb / 2P
Smartcard MCU With 1344 Bytes EEPROM
ST16SF42 STMICROELECTRONICS-ST16SF42 Datasheet
28Kb / 2P
Smartcard MCU With 2048 Bytes EEPROM
ST16SF48 STMICROELECTRONICS-ST16SF48 Datasheet
28Kb / 2P
Smartcard MCU With 8176 Bytes EEPROM
ST16SF4F STMICROELECTRONICS-ST16SF4F Datasheet
28Kb / 2P
Smartcard MCU With 16352 Bytes EEPROM
More results


Similar Description - ST16SF44

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16600 STMICROELECTRONICS-ST16600 Datasheet
27Kb / 2P
Smartcard MCU With 512 Bytes EEPROM
ST16601 STMICROELECTRONICS-ST16601 Datasheet
27Kb / 2P
Smartcard MCU With 1088 Bytes EEPROM
ST16HF52 STMICROELECTRONICS-ST16HF52 Datasheet
26Kb / 2P
SmartCard MCU With 2048 Bytes EEPROM for Contactless/Contact Applications
ST16R820 STMICROELECTRONICS-ST16R820 Datasheet
27Kb / 2P
Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
ST16RF52 STMICROELECTRONICS-ST16RF52 Datasheet
26Kb / 2P
Smartcard MCU With 2048 Bytes EEPROM for Contactless/Contact Applications
Oct-1999
ST16RF58 STMICROELECTRONICS-ST16RF58 Datasheet
28Kb / 2P
Smartcard MCU With 8176 Bytes EEPROM for Contactless/Contact Applications
ST16SF41 STMICROELECTRONICS-ST16SF41 Datasheet
28Kb / 2P
Smartcard MCU With 1344 Bytes EEPROM
ST16SF42 STMICROELECTRONICS-ST16SF42 Datasheet
28Kb / 2P
Smartcard MCU With 2048 Bytes EEPROM
ST16SF48 STMICROELECTRONICS-ST16SF48 Datasheet
28Kb / 2P
Smartcard MCU With 8176 Bytes EEPROM
ST16SF4F STMICROELECTRONICS-ST16SF4F Datasheet
28Kb / 2P
Smartcard MCU With 16352 Bytes EEPROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com