Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC45.07.0150AQ Datasheet (PDF) - Taoglas antenna solutions

PC45.07.0150AQ Datasheet PDF - Taoglas antenna solutions
Part # PC45.07.0150AQ
Download  PC45.07.0150AQ Download
File Size   13123.74 Kbytes
Page   54 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Wideband 5G/4G 600-6000MHz Cellular PCB Antenna (120x20mm) with Black 150mm 1.37 Cable and I-PEX MHF1

PC45.07.0150AQ Datasheet (PDF)

Go To PDF Page Download Datasheet
PC45.07.0150AQ Datasheet PDF - Taoglas antenna solutions

Part # PC45.07.0150AQ
Download  PC45.07.0150AQ Click to download

File Size   13123.74 Kbytes
Page   54 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Wideband 5G/4G 600-6000MHz Cellular PCB Antenna (120x20mm) with Black 150mm 1.37 Cable and I-PEX MHF1

PC45.07.0150AQ Datasheet (HTML) - Taoglas antenna solutions


PC45.07.0150AQ Product details

Features:
High-performance PCB Cellular Antenna
Global Cellular Coverage: 600-6000MHz
Dims:120 x 20 x 1.06mm
Cable: 150mm of 1.37 Coaxial Cable (Black)
Connector: I-PEX MHF1
RoHS & Reach Compliant




Similar Part No. - PC45.07.0150AQ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC450T11 SHARP-PC450T11 Datasheet
56Kb / 4P
Photocoupler with Built-in Breakdown Diode for Surge Voltage Absorption
PC451J00000F SHARP-PC451J00000F Datasheet
240Kb / 14P
Mini-flat Package, High Collector-emitter Voltage Photocoupler
PC452 SHARP-PC452 Datasheet
51Kb / 4P
Compact Surface Mount, High Collector emitter Voltage Type Photocoupler
PC452J00000F SHARP-PC452J00000F Datasheet
233Kb / 14P
Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
PC452TEJ000F SHARP-PC452TEJ000F Datasheet
223Kb / 14P
Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
More results


Similar Description - PC45.07.0150AQ

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30078-R1A WPI-WPANT30078-R1A Datasheet
465Kb / 6P
4G Cellular Panel Antenna
WPANT40021-C1B WPI-WPANT40021-C1B Datasheet
141Kb / 2P
4G / Cellular Embedded Antenna
logo
Taoglas antenna solutio...
GSA8841A105111 TAOGLAS-GSA8841A105111 Datasheet
2Mb / 28P
Wideband 4G LTE I-Bar Antenna 698MHZ to 6000MHz
GSA.8841.A.105111 TAOGLAS-GSA.8841.A.105111 Datasheet
2Mb / 28P
Wideband 4G LTE I-Bar Antenna 698MHZ to 6000MHz
logo
Pulse A Technitrol Comp...
W3929 PULSE-W3929 Datasheet
1Mb / 8P
Internal 5G/4G FPC Antenna with Cable Assembly
W3415 PULSE-W3415 Datasheet
1Mb / 15P
617-6000MHz SMD 4G/5G IoT Antenna
W3554 PULSE-W3554 Datasheet
1Mb / 6P
Internal 5G/4G PCB Antenna with Cable Assembly
logo
Suzhou Maswell Communic...
AN.5G.INT2.600.6000.SMA.2 MASWELL-AN.5G.INT2.600.6000.SMA.2 Datasheet
528Kb / 7P
5G Ultra Wideband patch antenna for Cellular 5G 4G LTE LORA and WiFi bands
logo
Pulse A Technitrol Comp...
W3554XXXXX PULSE-W3554XXXXX Datasheet
1Mb / 6P
Internal 5G/4G PCB Antenna with Cable Assembly
logo
AVX Corporation
1005595 AVX-1005595 Datasheet
1Mb / 8P
Broadband 5G/4G External Antenna
11/10/2022 Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com