Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541J/N3,112 Datasheet (PDF) - NXP Semiconductors

TDF8541J/N3,112 Datasheet PDF - NXP Semiconductors
Part # TDF8541J/N3,112
Download  TDF8541J/N3,112 Download
File Size   864.98 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Seamless sound experience for start-stop cars

TDF8541J/N3,112 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDF8541J/N3,112 Datasheet PDF - NXP Semiconductors

Part # TDF8541J/N3,112
Download  TDF8541J/N3,112 Click to download

File Size   864.98 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Seamless sound experience for start-stop cars

TDF8541J/N3,112 Datasheet (HTML) - NXP Semiconductors


TDF8541J/N3,112 Product details

KEY FEATURES
``Keeps operating without audible disturbance during engine
start at a battery voltage as low as 6 V
`` Low Vp mute level adjustable via I2C (6 V, 8 V)
``Optimized for low pop (guaranteed in test program)
``Full (start-up) diagnostics with flexible read-out
``Programmable DIAG pin
``Second clip-detect pin for additional front/rear detection
(mid-tone/bass)
``Pin-to-pin compatible family approach with scalable output
power and Best Efficiency Mode
``Compatible with Best Efficiency quad amplifier (25 W)
``Best Efficiency Mode with patented low switching distortion
``Best Efficiency Mode (uses information from 4 channels) with
17% less dissipation for uncorrelated signals compared to
2-channel high efficiency mode
APPLICATION
``Automotive Head Unit
``Automotive Hybrid Sound System
The TDF854x family reflects NXP’s ongoing commitment
to improving functionality and performance in automotive
infotainment systems. Available in configurations with I2C-bus
control or a Best Efficiency mode, they operate over a wide
voltage range and reduce dissipation.




Similar Part No. - TDF8541J/N3,112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8541J/N2 NXP-TDF8541J/N2 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
More results


Similar Description - TDF8541J/N3,112

ManufacturerPart #DatasheetDescription
logo
GS Yuasa Battery Sales ...
AGM096 GSYUASABATTERY-AGM096 Datasheet
323Kb / 1P
GS AGM Stop Start Plus
EFB005 GSYUASABATTERY-EFB005 Datasheet
314Kb / 1P
GS EFB Stop Start
EFB027 GSYUASABATTERY-EFB027 Datasheet
354Kb / 1P
GS EFB Stop Start
EFB030 GSYUASABATTERY-EFB030 Datasheet
304Kb / 1P
GS EFB Stop Start
EFB096 GSYUASABATTERY-EFB096 Datasheet
332Kb / 1P
GS EFB Stop Start
EFB100 GSYUASABATTERY-EFB100 Datasheet
323Kb / 1P
GS EFB Stop Start
EFB110 GSYUASABATTERY-EFB110 Datasheet
308Kb / 1P
GS EFB Stop Start
EFB115 GSYUASABATTERY-EFB115 Datasheet
311Kb / 1P
GS EFB Stop Start
EFB335 GSYUASABATTERY-EFB335 Datasheet
300Kb / 1P
GS EFB Stop Start
AGM019 GSYUASABATTERY-AGM019 Datasheet
299Kb / 1P
GS AGM Stop Start Plus
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com